Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS45C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATS45C
Description  LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS45C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATS45C Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Fully Released Specification
© Andigilog, Inc. 2006
www.andigilog.com
April 2006 - 70A03207
LOW-VOLTAGE ULTRA-LOW-POWER
TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
aTS45C
PRODUCT SPECIFICATION
General Description
The aTS45C is a silicon integrated circuit temperature
sensor. The aTS45C maintains an accuracy of ±4°C
over a temperature range of
−20°C to 100°C. At 25°C
(room temperature) the accuracy is calibrated to
typically better than ±2°C (VOUT = 250mV). This
calibration is done during probe and guaranteed on
each device. The aTS45C also maintains one of the
lowest power consumption requirement in the industry
and therefore reduces any inaccuracies due to self-
heating.
Features
•
Calibrated 25°C performance ±3°C
•
Low Operating Current:
≤ 25µA
•
Temperature Range: -20°C to 100°C
•
Extremely Linear Output Ramp: 10mV/°C
•
Output Ramp is Calibrated to Degrees Celsius
•
Low Self Heating: 0.04°C Typical in Still Air
•
Operating Voltage Range: +2.7V to +5.5V
•
Optional Single Positive Supply Operation at
Reduced Range: 10°C to 100°C
•
Non-linearity:
≤ 0.8°C
•
3-pin Pb-Free SOT-23 Package
Applications
•
Mobile Communications Terminals
•
Computers and Peripherals
•
Battery Management
•
FAX Machines/Printers/Copiers
•
Portable Medical Instruments
•
HVAC
•
Power Supply Modules
•
Disk Drives
Pin Configuration
actual part marking below
Accuracy vs. Temperature
Ordering Information
Part Number
Package
Temperature Range
Part Marking
How Supplied
aTS45CS3
3-Pin SOT-23
-20˚C to +100˚C
AGyw
3000 units on T&R
y – year, w - week
2
1
3
SOT - 23 3-lead
GND
V
OUT
V
DD
2
1
3
SOT - 23 3-lead
GND
V
OUT
V
DD
aTS45C
2
1
3
SOT - 23 3-lead
GND
V
OUT
V
DD
2
1
3
SOT - 23 3-lead
GND
V
OUT
V
DD
aTS45C
SOT-23 3-Pin Package
10
Temperature (°C)
-3
-2
-1
0
1
2
3
upper spec limits
0
80
100
lower spec limits
-
-
-
25
60
40
20
-20
4
-4
Temperature (°C)
-3
-2
-1
0
1
2
3
upper spec limits
0
80
100
lower spec limits
-
-
-
25
60
40
20
-20
4
-4
Negative Bias Required
below 10°C


Similar Part No. - ATS45C

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATS400 CTS-ATS400 Datasheet
212Kb / 5P
Leaded or Surface Mount Quartz Crystal
ATS400 CTS-ATS400 Datasheet
182Kb / 6P
ATS ATS-SM Series
ATS400 CTS-ATS400 Datasheet
182Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS400 CTS-ATS400 Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS400 CTS-ATS400 Datasheet
182Kb / 6P
Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
More results

Similar Description - ATS45C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM20 FAIRCHILD-FM20 Datasheet
357Kb / 9P
Ultra-Low-Power Analog Temperature Sensor
FM51 FAIRCHILD-FM51 Datasheet
57Kb / 6P
Low Voltage High Drive Temperature Sensor
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700 Datasheet
265Kb / 18P
Low-Power Voltage Output Temperature Sensor
2005
logo
List of Unclassifed Man...
ATS20 ETC2-ATS20 Datasheet
279Kb / 10P
LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
ATS51 ETC2-ATS51 Datasheet
298Kb / 9P
LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
logo
STMicroelectronics
STTS22H STMICROELECTRONICS-STTS22H Datasheet
1Mb / 29P
Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
Rev 4
logo
Texas Instruments
HDC3020 TI-HDC3020 Datasheet
1Mb / 51P
HDC302x High-Accuracy, Low-Power, Digital Humidity and Temperature Sensor With Ultra-Low Drift
logo
Renesas Technology Corp
READ2303G RENESAS-READ2303G Datasheet
1,009Kb / 9P
Ultra-Small Low Voltage Drive Input Output Full Range
2020.08.20
READ2353J RENESAS-READ2353J Datasheet
829Kb / 8P
Ultra-Small Low Voltage Drive Input Output Full Range
2022.5.12
READ4303G RENESAS-READ4303G Datasheet
1Mb / 8P
Ultra-Small Low Voltage Drive Input Output Full Range
Sep.21.22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com