Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS45C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ATS45C
Description  LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS45C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ATS45C Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
- 4 -
© Andigilog, Inc. 2006
www.andigilog.com
April 2006 - 70A03207
aTS45C
Typical Performance Characteristics
-50
-25
0
25
50
75
100
125
Temperature (°C)
6
8
10
12
VDD =+3V
0
2
4
14
16
18
20
22
-50
-25
0
25
50
75
100
125
Temperature (°C)
6
8
10
12
VDD =+3V
0
2
4
14
16
18
20
22
-50
-25
0
25
50
75
100
125
Temperature (°C)
6
8
10
12
VDD =+3V
0
2
4
14
16
18
20
22
-50
-25
0
25
50
75
100
125
Temperature (°C)
6
8
10
12
VDD =+3V
0
2
4
14
16
18
20
22
Figure 2. aTS45C Current vs Temperature
Typical Applications
Figure 3. Serial Output Temperature to Digital Converter
IN
10K
100K
1
µF
FB
1.00V
REF
3.9K
SERIAL
DATA OUT
CLOCK
ENABLE
aTS45C
5V
VTemp
U1
U2
U3
Serial
Analog-to-Digital
Converter
Adjustable
Shunt Voltage
Reference
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com