Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS45C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ATS45C
Description  LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS45C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ATS45C Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
- 5 -
© Andigilog, Inc. 2006
www.andigilog.com
April 2006 - 70A03207
aTS45C
Figure 4. Parallel Output Temperature to Digital Converter
Figure 5. Thermostat / Fan Controller
U1
R1
4.1V
R3
VTemp
VOUT
+
–
R2
V+
R4
V+
0.1
µF
VT
U2
U3
aTS45C
Shunt
Voltage
Reference
5V
WR
5K
30K
IN
VREF
1.00V
15K
1
µF
+
_
PARALLEL
DATA
OUTPUT
INTR
CS
RD
8
VTemp
Parallel Output
Analog-to-Digital
Converter
aTS45C
U1
U3
U2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com