Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R05C1TF05S Datasheet(PDF) 2 Page - Recom International Power

Part # R05C1TF05S
Description  1W ◊ Isolated ◊ Input 3V-5.5VDC ◊ 12 Pad LGA Package RxxC1TFxxS Series ◊ Isolated Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R05C1TF05S Datasheet(HTML) 2 Page - Recom International Power

  R05C1TF05S Datasheet HTML 1Page - Recom International Power R05C1TF05S Datasheet HTML 2Page - Recom International Power R05C1TF05S Datasheet HTML 3Page - Recom International Power R05C1TF05S Datasheet HTML 4Page - Recom International Power R05C1TF05S Datasheet HTML 5Page - Recom International Power R05C1TF05S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data Sheet
DC/DC Converter
Rev. 2-2024
Page 2
1W ◊ Isolated ◊ Input 3V-5.5VDC ◊ 12 Pad LGA Package
RxxC1TFxxS Series ◊ Isolated Power Module
copyright © RECOM Power GmbH, all rights reserved
www.recom-power.com
BASIC CHARACTERISTICS (measured @ TAMB= 25°C, nom. VIN, full load and after warm-up unless otherwise stated)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Input Voltage Range
VIN
3VDC
5.5VDC
Input Current
VIN= 5VDC, VOUT= 5VDC, Load= 0mA
8mA
VIN= 5VDC, VOUT= 5VDC, Load= 200mA
395mA
VIN= 5VDC, VOUT= 3.3VDC, Load= 0mA
5mA
VIN= 5VDC, VOUT= 3.3VDC, Load= 200mA
354mA
VIN= 3.3VDC, VOUT= 3.3VDC, Load= 0A
5mA
VIN= 3.3VDC, VOUT= 3.3VDC, Load= 50mA
115mA
Under Voltage Lockout UVLO
rising
2.6VDC
2.8VDC
Under Voltage Lockout Hysteresis
220mV
Output Voltage Accuracy
VOUT= 5VDC
4.9VDC
5VDC
5.1VDC
VOUT= 3.3VDC
3.2VDC
3.3VDC
3.4VDC
Soft Start Time
from 0-100%
VIN= 5VDC, VOUT= 5VDC
1.1ms
VIN= 5VDC, VOUT= 3.3VDC
0.6ms
VIN= 3.3VDC, VOUT= 3.3VDC
1.5ms
Shutdown Current
VCTRL= 0VDC, measured on VIN pin
7µA
Output Ripple Voltage
VIN= 5VDC, VOUT= 5VDC, Load= 200mA
60mV
VIN= 5VDC, VOUT= 3.3VDC, Load= 200mA
50mV
VIN= 3.3VDC, VOUT= 3.3VDC, Load= 50mA
30mV
ABSOLUTE MAXIMUM RATINGS
Parameter
Condition
Min.
Typ.
Max.
Absolute Maximum Voltage
VIN+/CTRL to VIN-
-0.3VDC
6.5VDC
VOUT/VSEL to VOUT-
-0.3VDC
6.5VDC
Maximum Continuous Power Losses (2)
TAMB = +25°C
2.05W
Junction Temperature
TJ
+150°C
Lead Temperature
+260°C
Note2: Exceeding maximum allowable power dissipation causes device to enter thermal shutdown which protects device from permanent damage.
Note3: Stressed beyond those listed under absolute maximum ratings can cause permanent damage to the device.
Typical Application
V
SEL
V
OUT-
V
IN-
V
OUT+
V
IN+
10µF
0.1µF
0.1µF
22µF
10µF
0.1µF
0.1µF
22µF
V
SEL
V
OUT-
V
IN-
V
OUT+
V
IN+
VIN= 4.5-5.5VDC, VOUT= 5VDC, IOUT= 200mA
VIN= 3-3.6VDC, VOUT= 3.3VDC, IOUT= 200mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com