Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R05C1TF05S Datasheet(PDF) 5 Page - Recom International Power

Part # R05C1TF05S
Description  1W ◊ Isolated ◊ Input 3V-5.5VDC ◊ 12 Pad LGA Package RxxC1TFxxS Series ◊ Isolated Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R05C1TF05S Datasheet(HTML) 5 Page - Recom International Power

  R05C1TF05S Datasheet HTML 1Page - Recom International Power R05C1TF05S Datasheet HTML 2Page - Recom International Power R05C1TF05S Datasheet HTML 3Page - Recom International Power R05C1TF05S Datasheet HTML 4Page - Recom International Power R05C1TF05S Datasheet HTML 5Page - Recom International Power R05C1TF05S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Technical Data Sheet
DC/DC Converter
Rev. 2-2024
Page 5
1W ◊ Isolated ◊ Input 3V-5.5VDC ◊ 12 Pad LGA Package
RxxC1TFxxS Series ◊ Isolated Power Module
copyright © RECOM Power GmbH, all rights reserved
www.recom-power.com
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
current limited, continuous
Over Load Protection (OLP) (5)
current limited, continuous
Isolation Voltage
rated for 60 seconds
2.5kVAC
tested for 1 second
3kVAC
Isolation Resistance
VISO= 500VDC
50GΩ min.
Isolation Capacitance
5pF typ.
Thermal Shutdown
IC junction
150°C typ.
hysteresis
20°C
Note5: During over load or output short circuit condition, the output voltage drops due to internal current limit. After over current or short circuit
condition removed, RxxC1TFxxS will resume.
SAFETY & CERTIFICATIONS
Certificate Type (Safety)
Report Number
Standard
RoHS2
RoHS 2011/65EU + AM2015/863
DIMENSION & PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Dimension (LxWxH)
5.0 x 4.0 x 1.18mm
0.197 x 0.157 x 0.046inch
Weight
0.1g typ.
0.0002lbs
Dimension Drawing (mm)
1
12
11
4
5
6
8
9
10
3
2
7
SYMM
SYMM
PKG
1
12
11 10
9
3
4
5
6
2
8
7
4.00±0.10
Pin1 ID
4X 0.570±0.055
0.30±0.05
0.7375 BSC
0.575
0.60 BSC
0.60 BSC
0.7375
1
12
11
4
5
6
8
9
10
3
2
7
SYMM
SYMM
PKG
1
12
11 10
9
3
4
5
6
2
8
7
4.00±0.10
Pin1 ID
4X 0.570±0.055
0.30±0.05
0.7375 BSC
0.575
0.60 BSC
0.60 BSC
0.7375
Pad Information
Pad #
Function
1, 2, 3
VIN-
4, 5
VIN+
6
CTRL
7
VSEL
8, 9
VOUT+
10, 11, 12
VOUT-
Top View
Front View
Bottom View
Side View
Recommended Footprint Details
(Top View)
Tolerances:
x.x= ±0.1mm
x.xx= ±0.05mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com