Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R05C1TF05S Datasheet(PDF) 3 Page - Recom International Power

Part # R05C1TF05S
Description  1W ◊ Isolated ◊ Input 3V-5.5VDC ◊ 12 Pad LGA Package RxxC1TFxxS Series ◊ Isolated Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R05C1TF05S Datasheet(HTML) 3 Page - Recom International Power

  R05C1TF05S Datasheet HTML 1Page - Recom International Power R05C1TF05S Datasheet HTML 2Page - Recom International Power R05C1TF05S Datasheet HTML 3Page - Recom International Power R05C1TF05S Datasheet HTML 4Page - Recom International Power R05C1TF05S Datasheet HTML 5Page - Recom International Power R05C1TF05S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data Sheet
DC/DC Converter
Rev. 2-2024
Page 3
1W ◊ Isolated ◊ Input 3V-5.5VDC ◊ 12 Pad LGA Package
RxxC1TFxxS Series ◊ Isolated Power Module
copyright © RECOM Power GmbH, all rights reserved
www.recom-power.com
Safe Operating Area
2.5
3
3.5
4
4.5
5
5.5
6
220
120
140
160
180
200
80
100
20
40
60
0
Input Voltage [VDC]
50
3.6
4
4.5
5
5.5
6
250
200
100
150
50
0
Input Voltage [VDC]
3.3Vout
5Vout
BASIC CHARACTERISTICS
Efficiency vs. Load
Power Dissipation vs. Load
0
10
20
30
40
50
60
70
80
90
100
60
30
10
40
20
0
Output Load [%]
50
4.5Vin
5.0Vin
5.5Vin
0
50
100
150
200
250
300
1.8
0.4
0.6
0.2
0
Output Load [mA]
1
1.4
1.6
1.2
0.8
4.5Vin
5.0Vin
5.5Vin
Efficiency vs. Load
Power Dissipation vs. Load
0
10
20
30
40
50
60
70
80
90
100
50
30
10
40
20
0
Output Load [%]
4.0Vin
4.5Vin
5.0Vin
5.5Vin
0
50
100
150
200
1.4
0.4
0.6
0.2
0
Output Load [mA]
1
1.2
0.8
4.0Vin
4.5Vin
5.0Vin
5.5Vin
3.3Vout
5Vout



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com