Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R05C1TF05S Datasheet(PDF) 4 Page - Recom International Power

Part # R05C1TF05S
Description  1W ◊ Isolated ◊ Input 3V-5.5VDC ◊ 12 Pad LGA Package RxxC1TFxxS Series ◊ Isolated Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R05C1TF05S Datasheet(HTML) 4 Page - Recom International Power

  R05C1TF05S Datasheet HTML 1Page - Recom International Power R05C1TF05S Datasheet HTML 2Page - Recom International Power R05C1TF05S Datasheet HTML 3Page - Recom International Power R05C1TF05S Datasheet HTML 4Page - Recom International Power R05C1TF05S Datasheet HTML 5Page - Recom International Power R05C1TF05S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Technical Data Sheet
DC/DC Converter
Rev. 2-2024
Page 4
1W ◊ Isolated ◊ Input 3V-5.5VDC ◊ 12 Pad LGA Package
RxxC1TFxxS Series ◊ Isolated Power Module
copyright © RECOM Power GmbH, all rights reserved
www.recom-power.com
REGULATIONS
Parameter
Condition
Value
Line Regulation
VIN= 3V-3.6VDC, full load
±0.5% typ.
VIN= 4.5V-5.5VDC, full load
±0.5% typ.
Load Regulation
from 0-100%
±0.4% typ.
CTRL AND SYNC OPERATING CONDITIONS
Parameter
Condition
Min.
Typ.
Max.
CTRL Input High Threshold
2VDC
CTRL Input Low Threshold
0.4VDC
CTRL Input Leakage Current
VIN= 5VDC, CTRL connect to VIN-
-5µA
VIN= 3.3VDC, CTRL connect to VIN-
-3.3µA
Note4: Test PCB= 6.4 x 6.4cm double sided PCB with 2oz copper, natural convection
THERMAL OPERATING CONDITIONS (measured @ TAMB= 25°C, VIN= 3V-5.5VDC, full load and after warm-up unless otherwise stated)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Operating Junction Temperature
TJ
refer to
„Derating Graph“
-40°C
+125°C
Thermal Resistance (4)
Rth
JA
junction to ambient
61K/W
R
thJC
junction to case
19K/W
-40
-20
0
20
40
60
80
100
140
120
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
125
Derating Graph
(@ Chamber and natural convection 0.1m/s)
ENVIRONMENTAL
Parameter
Condition
Value
Moisture Sensitive Level
Level 3
ESD
human-body-model
±5kV
charged-device-model
±2kV
Note4: CTRL pin shouldn’t be floating and can connect to Vin+ directly or through resistor divider.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com