Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F133JS Datasheet(PDF) 53 Page - fujitsu semiconductor

Part # MB95F133JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F133JS Datasheet(HTML) 53 Page - fujitsu semiconductor

Back Button MB95F133JS Datasheet HTML 49Page - fujitsu semiconductor MB95F133JS Datasheet HTML 50Page - fujitsu semiconductor MB95F133JS Datasheet HTML 51Page - fujitsu semiconductor MB95F133JS Datasheet HTML 52Page - fujitsu semiconductor MB95F133JS Datasheet HTML 53Page - fujitsu semiconductor MB95F133JS Datasheet HTML 54Page - fujitsu semiconductor MB95F133JS Datasheet HTML 55Page - fujitsu semiconductor MB95F133JS Datasheet HTML 56Page - fujitsu semiconductor MB95F133JS Datasheet HTML 57Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
MB95130M Series
53
5.
A/D Converter
(1) A/D Converter Electrical Characteristics
(AVCC
= VCC = 4.0 V to 5.5 V, AVSS = VSS = 0.0 V, TA = − 40 °C to + 85 °C)
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Resolution
⎯
⎯⎯
10
bit
Total error
− 3.0
⎯
+ 3.0
LSB
Linearity error
− 2.5
⎯
+ 2.5
LSB
Differential linear
error
− 1.9
⎯
+ 1.9
LSB
Zero transition
voltage
VOT
AVSS
− 1.5 LSB AVSS + 0.5 LSB AVSS + 2.5 LSB
V
Full-scale transition
voltage
VFST
AVCC
− 4.5 LSB AVCC − 1.5 LSB AVCC + 0.5 LSB
V
Compare time
⎯
0.9
⎯
16500
µs 4.5 V ≤ AVCC ≤ 5.5 V
1.8
⎯
16500
µs 4.0 V ≤ AVCC < 4.5 V
Sampling time
⎯
0.6
⎯∞
µs
4.5 V
≤ AVcc ≤ 5.5 V,
At external impedance
< at 5.4 k
Ω
1.2
⎯∞
µs
4.0 V
≤ AVcc ≤ 4.5 V,
At external impedance
< at 2.4 k
Ω
Analog input current
IAIN
− 0.3
⎯
+ 0.3
µA
Analog input voltage
VAIN
AVSS
⎯
AVCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com