Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F133JS Datasheet(PDF) 61 Page - fujitsu semiconductor

Part # MB95F133JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F133JS Datasheet(HTML) 61 Page - fujitsu semiconductor

Back Button MB95F133JS Datasheet HTML 55Page - fujitsu semiconductor MB95F133JS Datasheet HTML 56Page - fujitsu semiconductor MB95F133JS Datasheet HTML 57Page - fujitsu semiconductor MB95F133JS Datasheet HTML 58Page - fujitsu semiconductor MB95F133JS Datasheet HTML 59Page - fujitsu semiconductor MB95F133JS Datasheet HTML 60Page - fujitsu semiconductor MB95F133JS Datasheet HTML 61Page - fujitsu semiconductor MB95F133JS Datasheet HTML 62Page - fujitsu semiconductor MB95F133JS Datasheet HTML 63Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 61 / 63 page
background image
MB95130M Series
61
■ PACKAGE DIMENSION
Please confirm the latest Package dimension by following URL.
http://edevice.fujitsu.com/fj/DATASHEET/ef-ovpklv.html
28-pin plastic SOP
Lead pitch
1.27 mm
Package width
×
package length
8.6
× 17.75 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
2.80 mm MAX
Weight
0.82 g
Code
(Reference)
P-SOP28-8.6
×17.75-1.27
28-pin plastic SOP
(FPT-28P-M17)
(FPT-28P-M17)
C
2002 FUJITSU LIMITED F28048S-c-3-4
.699 –.008
+.010
–0.20
+0.25
17.75
1
1.27(.050)
8.60±0.20
(.339±.008)
11.80±0.30
(.465±.012)
M
0.13(.005)
14
15
28
0.10(.004)
0.47±0.08
(.019±.003)
INDEX
"A"
–0.04
+0.03
0.17
.007
+.001
–.002
0~8˚
0.25(.010)
Details of "A" part
(Mounting height)
2.65±0.15
(.104±.006)
0.20±0.15
(.008±.006)
(Stand off)
0.80±0.20
(.031±.008)
0.88±0.15
(.035±.006)
*1
*2
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
Note 1) *1 : These dimensions include resin protrusion.
Note 2) *2 : These dimensions do not include resin protrusion.
Note 3)Pins width and pins thickness include plating thickness.
Note 4) Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com