Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F133JS Datasheet(PDF) 6 Page - fujitsu semiconductor

Part # MB95F133JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F133JS Datasheet(HTML) 6 Page - fujitsu semiconductor

Back Button MB95F133JS Datasheet HTML 2Page - fujitsu semiconductor MB95F133JS Datasheet HTML 3Page - fujitsu semiconductor MB95F133JS Datasheet HTML 4Page - fujitsu semiconductor MB95F133JS Datasheet HTML 5Page - fujitsu semiconductor MB95F133JS Datasheet HTML 6Page - fujitsu semiconductor MB95F133JS Datasheet HTML 7Page - fujitsu semiconductor MB95F133JS Datasheet HTML 8Page - fujitsu semiconductor MB95F133JS Datasheet HTML 9Page - fujitsu semiconductor MB95F133JS Datasheet HTML 10Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
MB95130M Series
6
■ OSCILLATION STABILIZATION WAIT TIME
The initial value of the main clock oscillation stabilization wait time is fixed to the maximum value. The maximum
value is shown below.
■ PACKAGES AND CORRESPONDING PRODUCTS
: Available
: Unavailable
Oscillation stabilization wait time
Remarks
(214-2) /FCH
Approx. 4.10 ms (at main oscillation clock 4 MHz)
Part number
Package
MB95136M
MB95F133MS/F133NS
MB95F134MS/F134NS
MB95F136MS/F136NS
MB95F133JS
MB95F134JS
MB95F136JS
MB95F133MW/F133NW
MB95F134MW/F134NW
MB95F136MW/F136NW
MB95F133JW
MB95F134JW
MB95F136JW
FPT-28P-M17
BGA-224P-M08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com