Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F133JS Datasheet(PDF) 58 Page - fujitsu semiconductor

Part # MB95F133JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F133JS Datasheet(HTML) 58 Page - fujitsu semiconductor

Back Button MB95F133JS Datasheet HTML 54Page - fujitsu semiconductor MB95F133JS Datasheet HTML 55Page - fujitsu semiconductor MB95F133JS Datasheet HTML 56Page - fujitsu semiconductor MB95F133JS Datasheet HTML 57Page - fujitsu semiconductor MB95F133JS Datasheet HTML 58Page - fujitsu semiconductor MB95F133JS Datasheet HTML 59Page - fujitsu semiconductor MB95F133JS Datasheet HTML 60Page - fujitsu semiconductor MB95F133JS Datasheet HTML 61Page - fujitsu semiconductor MB95F133JS Datasheet HTML 62Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
MB95130M Series
58
■ MASK OPTION
*: Refer to table below about clock mode select, low voltage detection reset, clock supervisor select and reset
output.
No.
Part number
MB95136M
MB95F133MS/
F133NS/F133JS
MB95F134MS/
F134NS/F134JS
MB95F136MS/
F136NS/F136JS
MB95F133MW/
F133NW/F133JW
MB95F134MW/
F134NW/F134JW
MB95F136MW/
F136NW/F136JW
MB95FV100D-103
Specifying procedure
Specify when
ordering
MASK
Setting
disabled
Setting
disabled
Setting
disabled
1
Clock mode select
• Single-system clock mode
• Dual-system clock mode
selectable
Single-system
clock mode
Dual-system clock
mode
Changing by the
switch on MCU board
2
Low voltage detection reset*
• With low voltage detection
reset
• Without low voltage
detection reset
Specify when
ordering
MASK
Specified by
part number
Specified by
part number
Change by the switch
on MCU board
3
Clock supervisor*
• With clock supervisor
• Without clock supervisor
Specify when
ordering
MASK
Specified by part
number
Specified by part
number
Change by the switch
on MCU board
4
Reset output*
• With reset output
• Without reset output
Specify when
ordering
MASK
Specified by part
number
Specified by part
number
MCU board switch set
as following ;
• With supervisor :
Without reset output
• Without supervisor :
With reset output
5
Oscillation stabilization
wait time
Fixed to
oscillation
stabilization
wait time of
(214
−2) /FCH
Fixed to oscillation
stabilization wait
time of
(214-2) /FCH
Fixed to oscillation
stabilization wait
time of
(214-2) /FCH
Fixed to oscillation
stabilization wait time
of (214-2) /FCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com