Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K817P.. Datasheet(PDF) 5 Page - Vishay Siliconix

Part # K817P..
Description  Optocoupler, Phototransistor Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K817P.. Datasheet(HTML) 5 Page - Vishay Siliconix

  K817P.. Datasheet HTML 1Page - Vishay Siliconix K817P.. Datasheet HTML 2Page - Vishay Siliconix K817P.. Datasheet HTML 3Page - Vishay Siliconix K817P.. Datasheet HTML 4Page - Vishay Siliconix K817P.. Datasheet HTML 5Page - Vishay Siliconix K817P.. Datasheet HTML 6Page - Vishay Siliconix K817P.. Datasheet HTML 7Page - Vishay Siliconix K817P.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Alternative Device Available
K817P
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 23-May-13
5
Document Number: 83522
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 4 - Forward Voltage vs. Forward Current
Fig. 5 - Collector Current vs. Collector Emitter Voltage
(non-saturated)
Fig. 6 - Leakage Current vs. Ambient Temperature
Fig. 7 - Collector Current vs. Collector Emitter Voltage (saturated)
Fig. 8 - Normalized CTR (saturated) vs. Ambient Temperature
Fig. 9 - Normalized CTR (non-saturated) vs. Ambient Temperature
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0.1
1
10
100
IF - Forward Current (mA)
22326
T
amb = 0 °C
T
amb = 25 °C
T
amb = 50 °C
T
amb = 75 °C
T
amb = 110 °C
T
amb = - 55 °C
22327
0
5
10
15
20
25
02468
10
VCE - Collector Emitter Voltage (NS) (V)
I
F = 30 mA
I
F = 20 mA
I
F = 15 mA
I
F = 10 mA
I
F = 5 mA
22328
0.001
0.1
10
1000
- 60 - 40 - 20 0
20
40
60
80 100 120
Tamb - Ambient Temperature (°C)
I
F = 0 mA
V
CE = 40 V
V
CE = 24 V
V
CE = 12 V
22329
0
5
10
15
20
25
30
0
0.1
0.2
0.3
0.4
VCE - Collector Emitter Voltage (sat) (V)
I
F = 25 mA
I
F = 10 mA
I
F = 5 mA
I
F = 2 mA
I
F = 1 mA
0
0.2
0.4
0.6
0.8
1.0
1.2
- 60 - 40 - 20
0
20
40
60
80 100 120
T
amb - Ambient Temperature (°C)
I
F = 5 mA
I
F = 10 mA
I
F = 1 mA
V
CE = 0.4 V
Normalized to:
I
F = 10 mA, VCE = 5 V, Tamb = 25 °C
Tamb - Ambient Temperature (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
- 60 - 40 - 20 0
20
40
60
80 100 120
Normalized to:
I
F = 10 mA, VCE = 5 V, Tamb = 25 °C
I
F = 10 mA
I
F = 5 mA
I
F = 1 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com