Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K817P.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # K817P..
Description  Optocoupler, Phototransistor Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K817P.. Datasheet(HTML) 1 Page - Vishay Siliconix

  K817P.. Datasheet HTML 1Page - Vishay Siliconix K817P.. Datasheet HTML 2Page - Vishay Siliconix K817P.. Datasheet HTML 3Page - Vishay Siliconix K817P.. Datasheet HTML 4Page - Vishay Siliconix K817P.. Datasheet HTML 5Page - Vishay Siliconix K817P.. Datasheet HTML 6Page - Vishay Siliconix K817P.. Datasheet HTML 7Page - Vishay Siliconix K817P.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Alternative Device Available
K817P
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 23-May-13
1
Document Number: 83522
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output
DESCRIPTION
In the K817P part each channel consists of a phototransistor
optically coupled to a gallium arsenide infrared-emitting
diode in a 4 pin (single) plastic dual inline package.
AGENCY APPROVALS
• BSI: EN 60065:2002, EN 60950-1:2006
• DIN EN 60747-5-2 (VDE 0884)
•FIMKO
• UL file no. E52744
• cUL tested to CSA 22.2 bulletin 5A
FEATURES
• Endstackable to 2.54 mm (0.1") spacing
• DC isolation test voltage 5000 VRMS
• Current transfer ratio (CTR) selected into
groups
• Low temperature coefficient of CTR
• Wide ambient temperature range
• Available in single, dual and quad channel packages
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Programmable logic controllers
•Modems
• Answering machines
• General applications
17203-5
CE
1
AC
C
17918_13
ORDERING INFORMATION
K8
1
7
P
#
x
PART NUMBER
PACKAGE
OPTION
AGENCY CERTIFIED/
PACKAGE
CTR (%)
5 mA
10 mA
5 mA
VDE, BSI, FIMKO,
UL, cUL
50 to 600 40 to 80 63 to 125 100 to 200 160 to 320 50 to 150 100 to 300 80 to 160 130 to 260 200 to 400
DIP-4
K817P
K817P1
K817P2
K817P3
K817P4
K817P5
K817P6
K817P7
K817P8
K817P9
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tp  10 μs
IFSM
1.5
A
Power dissipation
Pdiss
70
mW
Junction temperature
Tj
125
°C
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp  10 ms
ICM
100
mA
Power dissipation
Pdiss
70
mW
Junction temperature
Tj
125
°C
7.62 mm
DIP


Similar Part No. - K817P..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K817P VISHAY-K817P Datasheet
235Kb / 9P
Optocoupler, Phototransistor Output
26-Oct-04
K817P1 VISHAY-K817P1 Datasheet
235Kb / 9P
Optocoupler, Phototransistor Output
26-Oct-04
K817P2 VISHAY-K817P2 Datasheet
235Kb / 9P
Optocoupler, Phototransistor Output
26-Oct-04
K817P3 VISHAY-K817P3 Datasheet
235Kb / 9P
Optocoupler, Phototransistor Output
26-Oct-04
K817P4 VISHAY-K817P4 Datasheet
235Kb / 9P
Optocoupler, Phototransistor Output
26-Oct-04
More results

Similar Description - K817P..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
Optocoupler with Phototransistor Output
11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
K817P VISHAY-K817P Datasheet
235Kb / 9P
Optocoupler, Phototransistor Output
26-Oct-04
CNY17 VISHAY-CNY17_05 Datasheet
129Kb / 9P
Optocoupler, Phototransistor Output,
09-Nov-05
ILD621 VISHAY-ILD621_07 Datasheet
176Kb / 10P
Optocoupler, Phototransistor Output
20-Dec-07
TCDT1110 VISHAY-TCDT1110_08 Datasheet
153Kb / 8P
Optocoupler, Phototransistor Output
16-May-08
TCDT1100 VISHAY-TCDT1100_08 Datasheet
154Kb / 9P
Optocoupler, Phototransistor Output
16-May-08
CNY74-2H VISHAY-CNY74-2H_08 Datasheet
161Kb / 8P
Optocoupler, Phototransistor Output,Multichannel
TCET1204 VISHAY-TCET1204_V01 Datasheet
151Kb / 8P
Optocoupler, Phototransistor Output
12-Oct-2020
TCET1201 VISHAY-TCET1201_V02 Datasheet
151Kb / 8P
Optocoupler, Phototransistor Output
12-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com