Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K817P.. Datasheet(PDF) 6 Page - Vishay Siliconix

Part # K817P..
Description  Optocoupler, Phototransistor Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K817P.. Datasheet(HTML) 6 Page - Vishay Siliconix

  K817P.. Datasheet HTML 1Page - Vishay Siliconix K817P.. Datasheet HTML 2Page - Vishay Siliconix K817P.. Datasheet HTML 3Page - Vishay Siliconix K817P.. Datasheet HTML 4Page - Vishay Siliconix K817P.. Datasheet HTML 5Page - Vishay Siliconix K817P.. Datasheet HTML 6Page - Vishay Siliconix K817P.. Datasheet HTML 7Page - Vishay Siliconix K817P.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Alternative Device Available
K817P
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 23-May-13
6
Document Number: 83522
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 10 - Normalized CTR (non-saturated) vs. Forward Current
Fig. 11 - Normalized CTR (saturated) vs. Forward Current
Fig. 12 - FCTR vs. IC (saturated) (mA)
Fig. 13 - FCTR vs. Phase Angle (kHz)
Fig. 14 - Switching Time vs. Load Resistance
0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
I
F - Forward Current (mA)
T
amb = 0 °C
T
amb = 110 °C
T
amb = 75 °C
T
amb = - 55 °C
T
amb = 25 °C
Normalized to:
I
F = 10 mA, VCE = 5 V,
T
amb = 25 °C
0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
I
F - Forward Current (mA)
T
amb = 0 °C
T
amb = 110 °C
T
amb = 75 °C
T
amb = - 55 °C
T
amb = 25 °C
Normalized to:
I
F = 10 mA,
V
CE = 5 V,
T
amb = 25 °C
V
CE = 0.4 V
22334
1
10
100
1000
0.1
1
10
100
IC (mA)
V
CC = 5 V
22335
- 160
- 140
- 120
- 100
- 80
- 60
- 40
- 20
0
20
1
10
100
1000
f (kHz)
V
CE = 5 V
22336
0.1
1
10
100
1000
0
5
10
15
20
RL - Load Resistance (kΩ)
t
on (μs)
toff (μs)
V
CE = 5 V, IF = 10 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com