Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K817P.. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # K817P..
Description  Optocoupler, Phototransistor Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K817P.. Datasheet(HTML) 3 Page - Vishay Siliconix

  K817P.. Datasheet HTML 1Page - Vishay Siliconix K817P.. Datasheet HTML 2Page - Vishay Siliconix K817P.. Datasheet HTML 3Page - Vishay Siliconix K817P.. Datasheet HTML 4Page - Vishay Siliconix K817P.. Datasheet HTML 5Page - Vishay Siliconix K817P.. Datasheet HTML 6Page - Vishay Siliconix K817P.. Datasheet HTML 7Page - Vishay Siliconix K817P.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Alternative Device Available
K817P
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 23-May-13
3
Document Number: 83522
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• According to DIN EN 60747-5-5 (VDE 0884) (see figure 2). This optocoupler is suitable for safe electrical isolation only within the safety
ratings. Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
Fig. 2 - Derating Diagram
Fig. 3 - Test Pulse Diagram for Sample Test According to
DIN EN 60747-5-2 (VDE 0884); IEC 60747-5-5
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = 5 mA
K817P
CTR
50
600
%
VCE = 5 V, IF = 10 mA
K817P1
CTR
40
80
%
K817P2
CTR
63
125
%
K817P3
CTR
100
200
%
K817P4
CTR
160
320
%
VCE = 5 V, IF = 5 mA
K817P5
CTR
50
150
%
K817P6
CTR
100
300
%
K817P7
CTR
80
160
%
K817P8
CTR
130
260
%
K817P9
CTR
200
400
%
SAFETY AND INSULATION RATED PARAMETERS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Partial discharge test voltage -
routine test
100 %, ttest = 1 s
Vpd
1.6
kV
Partial discharge test voltage -
lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 2)
Vpd
1.36
kV
Insulation resistance
VIO = 500 V
RIO
1012
VIO = 500 V, Tamb = 100 °C
RIO
1011
VIO = 500 V, Tamb = 150 °C
(construction test only)
RIO
109
Rated impulse voltage
VIOTM
6000
Vpeak
Max. working voltages
Recurring peak voltage
VIORM
850
Vpeak
Forward current
ISI
130
mA
Power dissipation
PSO
265
mW
Safety temperature
Tsi
150
°C
Creepage distance
7.6
mm
0
25
50
75
125
0
50
100
150
200
300
TSI - Safety Temperature (°C)
150
100
250
Phototransistor
PSO (mW)
IR-diode
ISI (mA)
t
13930
t1, t2 = 1 s to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
Vpd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com