Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

627T Datasheet(PDF) 1 Page - Bi technologies

Part # 627T
Description  CCITT V.35 Termination Surface Mount Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

627T Datasheet(HTML) 1 Page - Bi technologies

  627T Datasheet HTML 1Page - Bi technologies 627T Datasheet HTML 2Page - Bi technologies 627T Datasheet HTML 3Page - Bi technologies 627T Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL 627 T
Model 627 T Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
06.12
CCITT V.35 Termination
Surface Mount Resistor Networks
Standard Resistance Tolerance, at 25°C
±2%
Operating Temperature Range
-55°C to +125°C
Temperature Coefficient of Resistance
±250ppm/°C
Temperature Coefficient of Resistance Tracking
±50ppm/°C
Voltage Coefficient of Resistance
±100ppm/°C
Maximum Operating Voltage
25Vdc
Insulation Resistance
≥10,000 Megohms
Thermal Shock plus Power Conditioning
ΔR 0.70%
Short Time Overload
ΔR 0.25%
Moisture Resistance
ΔR 0.50%
Mechanical Shock
ΔR 0.25%
Vibration Shock
ΔR 0.25%
Low Temperature Operation
ΔR 0.25%
High Temperature Exposure
ΔR 0.50%
Load Life, 2,000 Hours (
≤33 Ohms = ±0.5 Ohm)
ΔR 0.50%
Resistance to Solder Heat (Total immersion in solder at 280°C for 10 sec.)
ΔR 0.25%
Dielectric Withstanding Voltage
200V for 1 minute
Temperature Exposure, Maximum
215°C for 3 minutes
Marking Permanency
MIL-STD-202, Method 215
Lead Solderability
MIL-STD-202, Method 208
Flammability
UL-94V-O Rated
Storage Temperature Range
-55°C to +150°C
Electrical
Environmental


Similar Part No. - 627T

ManufacturerPart #DatasheetDescription
logo
Bi technologies
627T BITECH-627T Datasheet
153Kb / 4P
CCITT V.35 Termination Surface Mount Resistor Networks
logo
Welwyn Components Limit...
627T WELWYN-627T Datasheet
182Kb / 4P
CITT V.35 Termination Surface Mount Resistor Networks
logo
TT Electronics.
627T TTELEC-627T Datasheet
184Kb / 4P
Resistors
07.14
logo
Welwyn Components Limit...
627T1250TR4 WELWYN-627T1250TR4 Datasheet
182Kb / 4P
CITT V.35 Termination Surface Mount Resistor Networks
627T500TR4 WELWYN-627T500TR4 Datasheet
182Kb / 4P
CITT V.35 Termination Surface Mount Resistor Networks
More results

Similar Description - 627T

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SQS24H01FS13 BITECH-SQS24H01FS13 Datasheet
51Kb / 3P
HSTL Termination Circuit Thin Film Resistor Networks
logo
Welwyn Components Limit...
SOIC WELWYN-SOIC Datasheet
429Kb / 3P
Surface Mount SOIC Resistor Networks
logo
IRC - a TT electronics ...
8900SPACE IRCTT-8900SPACE Datasheet
385Kb / 3P
Space Flight Surface Mount Flat Packs Resistor Networks
GUS-QS8A-00-1002-J IRCTT-GUS-QS8A-00-1002-J Datasheet
387Kb / 4P
Surface Mount QSOP Resistor Networks
GUS-SS4A-00-1002-J IRCTT-GUS-SS4A-00-1002-J Datasheet
300Kb / 4P
Surface Mount SOIC Resistor Networks
SOT-SOT143-00-A002-G IRCTT-SOT-SOT143-00-A002-G Datasheet
344Kb / 3P
SOT143 Surface Mount Resistor Networks
GUS-TS8A-00-1002-J IRCTT-GUS-TS8A-00-1002-J Datasheet
336Kb / 4P
Surface Mount TSSOP Resistor Networks
logo
Bi technologies
627T BITECH-627T Datasheet
153Kb / 4P
CCITT V.35 Termination Surface Mount Resistor Networks
logo
Welwyn Components Limit...
627T WELWYN-627T Datasheet
182Kb / 4P
CITT V.35 Termination Surface Mount Resistor Networks
logo
TT Electronics.
GUS-QS8BLF012001-G TTELEC-GUS-QS8BLF012001-G Datasheet
336Kb / 4P
Surface Mount QSOP Resistor Networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com