Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

627T Datasheet(PDF) 4 Page - Bi technologies

Part # 627T
Description  CCITT V.35 Termination Surface Mount Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

627T Datasheet(HTML) 4 Page - Bi technologies

  627T Datasheet HTML 1Page - Bi technologies 627T Datasheet HTML 2Page - Bi technologies 627T Datasheet HTML 3Page - Bi technologies 627T Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL 627 T
Model 627 T Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
06.12
Typical Part Marking
Packaging
Ordering Information
Standard
Tape & Reel
Conforms to requirements of EIA-481.
All units oriented with lead #1 to the left of direction of feed.
Tape
Width =
Pocket =
Pitch =
24mm
Embossed Antistatic Plastic
12mm
Reel
Diameter =
Capacity =
13” (330mm) Maximum
2,000 Units
Option:
Magazines
Conforms to EIA and JEDEC standards.
All units oriented with lead #1 to the same side.
Magazine:
Capacity = 50 Units
62 7 T 500 / 1250 TR4
Model
No. of Leads:
7 = 14 leads
Circuit Type:
T = V.35 Termination
Standard Tape & Reel Packaging:
(No code used for Magazines.)
Resistance Values
Part Marking
Lead #1 Indicator
Part
Number
627T50/125
Part
Marking
7T500
Date Code
Manufacturer’s Trademark
UK MADE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com