Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

627T Datasheet(PDF) 3 Page - Bi technologies

Part # 627T
Description  CCITT V.35 Termination Surface Mount Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

627T Datasheet(HTML) 3 Page - Bi technologies

  627T Datasheet HTML 1Page - Bi technologies 627T Datasheet HTML 2Page - Bi technologies 627T Datasheet HTML 3Page - Bi technologies 627T Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL 627 T
Model 627 T Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
06.12
Typical Application
Power Derating Curve
Power Dissipation, Watts At 70°C
Model
Package
Per Resistor
627 T
1.28
0.25
VCC
TX1 IN
TX2 IN
TX3 IN
RX2 OUT
RX1 OUT
(5V) S1
(0V) S2
3
6
7
8
12
13
9
10
26
25
24
23
22
16
5
27
21
18
17
15
1µF
1µF
1µF
1µF
14
OE
4
3
2
1
1µF
125
50
50
Linear Techology
Model LTC 1345
Linear Techology
Model LTC 1345
BI Model 627T provides
6 of these termination
networks in a single
package
E
T
D
E
C
D
3
13
12
11
7
6
9
10
VCC
RX1 OUT
RX2 OUT
RX3 OUT
TX2 IN
TX1 IN
S1 (0V)
S2 (5V)
4 3 2 1
15
16
18
17
20
26
5
27
19
24
23
25
1µF
V.35 Balanced Interface
Percent of
Rated Power
100
80
60
40
20
0
150
125
70
-0
Degrees C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com