Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

627T Datasheet(PDF) 2 Page - Bi technologies

Part # 627T
Description  CCITT V.35 Termination Surface Mount Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

627T Datasheet(HTML) 2 Page - Bi technologies

  627T Datasheet HTML 1Page - Bi technologies 627T Datasheet HTML 2Page - Bi technologies 627T Datasheet HTML 3Page - Bi technologies 627T Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL 627 T
Model 627 T Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
06.12
Lead Material
Copper alloy, 96-96.5% Sn, 3.5-4% Ag
Lead Configuration
Gull Wing
Lead Coplanarity
±0.002 in. (0.057mm)
Substrate Material
Alumina
Resistor Material
Cermet
Body Material
Epoxy
Mechanical
Outline dimensions (inch/mm)
Schematic
.050
1.27
.016
0.41
.310
7.87
Max.
.220 ± .005
5.59 ± 0.13
Typ.
.028
0.71 Typ.
.008
0.20 Typ.
.095
2.41 Max.
Typ.
.395
10.03Max.
.008
0.20
.015
0.38 Typ.
Note: Maximum allowable mold excursion = 0.006”
50
50
50
50
50
50
50
50
50
50
50
50
125
125
125
125
125
125



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com