Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2364DF Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2364DF
Description  4 Output DSL Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2364DF Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2364DF Datasheet HTML 1Page - Monolithic Power Systems MP2364DF Datasheet HTML 2Page - Monolithic Power Systems MP2364DF Datasheet HTML 3Page - Monolithic Power Systems MP2364DF Datasheet HTML 4Page - Monolithic Power Systems MP2364DF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV2364DF/1541DJ-00A – 4 OUTPUT DSL POWER SUPPLY
EVALUATION BOARD – INITIAL RELEASE
EV2364DF/1541DJ-00A Rev. 1.0
www.MonolithicPower.com
2
6/9/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
PERFORMANCE CURVES
100
90
80
70
60
50
0
0.25 0.5 0.75 1.0 1.25 1.5
LOAD CURRENT (A)
Efficiency vs
Load Current
VOUT=3.3V
VOUT=12.8V
VOUT=1.8V
100
90
80
70
60
50
0
20406080
100
LOAD CURRENT (mA)
EV2364_1541_EC01-02
Efficiency vs
Load Current
EVALUATION BOARD SCHEMATIC
MP2364
SSA
NC1
BSA
INA
SWA
PGA
SGA
FBB
COMPB
ENB
ENA
COMP
GBA
SGB
PGB
SWB
INB
NC2
BSB
SSB
LM7805CT
U3
IN
GND
OUT
MP1541
SW
IN
FB
EN
GND
C2
10nF
D2
B230A-13
C4
NS
C5
3.3nF
C17
10pF
ENB
VOUTD
5V @ 100mA
VOUTA
3.3V @ 1.5A
GNDD
ENA
U1
VIN
12V
GND
C8
2.2nF
C7
10nF
D3
B230A-13
C18
82pF
C10
NS
VOUTB
1.8V @ 1.5A
GNDB
VOUTC
12.8V @ 100mA
GNDC
U2
D5
MBR0520
C13
100pF
EV2364_1542_S01
ENC
GNDA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com