Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2364DF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2364DF
Description  4 Output DSL Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2364DF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2364DF Datasheet HTML 1Page - Monolithic Power Systems MP2364DF Datasheet HTML 2Page - Monolithic Power Systems MP2364DF Datasheet HTML 3Page - Monolithic Power Systems MP2364DF Datasheet HTML 4Page - Monolithic Power Systems MP2364DF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EV2364DF/1541DJ-00A – 4 OUTPUT DSL POWER SUPPLY
EVALUATION BOARD – INITIAL RELEASE
EV2364DF/1541DJ-00A Rev. 1.0
www.MonolithicPower.com
4
6/9/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EV2364DF/1541DJ-00A BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer Part No.
Distributor Part No.
1
R8
110kΩ Resistor, 1%
0603
Panasonic:
ERJ-3EKF1103V
Digikey:
P110KHDKR-ND
1
R10
11.8kΩ Resistor, 1%
0603
Panasonic:
ERJ-3EKF1182V
Digikey:
P11.8KHCT-ND
2
R12, R13
0Ω
Resistor, 5%
0603
Panasonic:
ERJ-3GEY0R00V
Digikey:
P0.0GTR-ND
1
U1
DC/DC Controller
TSSOP20
MPS:
MP2364DF
1
U2
1.3MHz Boost
Converter
SOT23-5
MPS:
MP1541
1
U3
5 Volt Regulator
National Semi:
LM7805CT
PRINTED CIRCUIT BOARD LAYOUT
Figure 1—Top Silk Layer
Figure 2—Top Layer



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com