Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2364DF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2364DF
Description  4 Output DSL Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2364DF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2364DF Datasheet HTML 1Page - Monolithic Power Systems MP2364DF Datasheet HTML 2Page - Monolithic Power Systems MP2364DF Datasheet HTML 3Page - Monolithic Power Systems MP2364DF Datasheet HTML 4Page - Monolithic Power Systems MP2364DF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV2364DF/1541DJ-00A – 4 OUTPUT DSL POWER SUPPLY
EVALUATION BOARD – INITIAL RELEASE
EV2364DF/1541DJ-00A Rev. 1.0
www.MonolithicPower.com
3
6/9/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EV2364DF/1541DJ-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Part No.
Distributor Part No.
2
C1, C6
0.47µF
Ceramic Capacitor,
16V, X7R
0805
TDK:
C2012X7R1C474K
Digikey:
445-1357-1-ND
2
C2, C7
10nF
Ceramic Capacitor,
50V, X7R
0603
TDK:
C1608X7R1H103K
Digikey:
445-1311-1-ND
2
C3, C9
22µF
Ceramic Capacitor,
6.3V, X5R
1210
TDK:
C3225X5R0J226M
Digikey:
445-1404-1-ND
2
C4, C10
Not used
1
C5
3.3nF
Ceramic Capacitor,
50V, X7R
0603
Panasonic:
ECJ-1VB1H332K
Digikey:
PCC1778CT-ND
1
C8
2.2nF
Ceramic Capacitor,
50V, X7R
0603
TDK:
C1608X7R1H222K
Digikey:
445-1309-1-ND
2
C11, C12
10µF
Ceramic Capacitor,
25V, X7R
1210
TDK:
C3225X7R1E106M
Digikey:
445-1434-1-ND
1
C13
100pF
Ceramic Capacitor,
50V, C0G
0603
TDK:
C1608C0G1H101J
Digikey:
445-1281-1-ND
1
C14
10µF
Ceramic Capacitor,
10V, X5R
1210
Panasonic:
ECJ-4YB1A106K
Digikey:
PCC2170CT-ND
1
C15
4.7µF
Ceramic Capacitor,
16V, X5R
1210
Panasonic:
ECJ-4YB1C475K
Digikey:
PCC2168TR-ND
1
C16
47µF
Ceramic Capacitor,
6.3V, X5R
1210
Murata:
GRM32ER60J476ME20L
Digikey:
490-1887-1-ND
1
C17
10pF
Ceramic Capacitor,
50V, X5R
0603
Murata:
GRM1885C1H100JA01D
Digikey:
490-1403-1-ND
1
C18
82pF
Ceramic Capacitor,
50V, X5R
0603
Murata:
GRM1885C1H820JA01D
Digikey:
490-1425-2-ND
1
C19
1µF
Ceramic Capacitor,
25V, X5R
1210
Murata:
GRM31C5C1E104JA01L
Digikey:
490-1767-2-ND
2
D2, D3
Schottky Diode,
30V, 2A, SMA
Diodes Inc:
B230A-13
Digikey:
B230ADICT-ND
1
D5
Schottky Diode,
20V, 0.5A
SOD-123
ON Semiconductor:
MBR0520LT1
Digikey:
MBR0520LT1OSCT-ND
2
L1, L2
5µH
2.4A, SMD,
Unshielded
Sumida:
CDRH6D28-5R0
1
L3
10µH 1.7A
Sumida:
CDRH6D28-100NC
1
R1
25.5kΩ
Metal Film Resistor,
1%
0603
Panasonic:
ERJ-3EKF2552V
Digikey:
P25.5KHCT-ND
1
R2
7.5kΩ
Metal Film Resistor,
5%
0603
Panasonic:
ERJ-3GEYJ752V
Digikey:
P7.5KGCT-ND
4
R3, R5,
R6, R11
10kΩ
Metal Film Resistor,
1%
0603
Panasonic:
ERJ-3EKF1002V
Digikey:
P10.0KHCT-ND
1
R4
9.53kΩ
Metal Film Resistor,
1%
0603
Panasonic:
ERJ-3EKF9531V
Digikey:
P9.53KHCT-ND
2
R7, R9
100kΩ Resistor, 1%
0603
Panasonic:
ERJ-3EKF1003V
Digikey:
P100KHCT-ND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com