Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2364DF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2364DF
Description  4 Output DSL Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2364DF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2364DF Datasheet HTML 1Page - Monolithic Power Systems MP2364DF Datasheet HTML 2Page - Monolithic Power Systems MP2364DF Datasheet HTML 3Page - Monolithic Power Systems MP2364DF Datasheet HTML 4Page - Monolithic Power Systems MP2364DF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV2364DF/1541DJ-00A
4 Output
DSL Power Supply
EVALUATION BOARD – INITIAL RELEASE
EV2364DF/1541DJ-00A Rev. 1.0
www.MonolithicPower.com
1
6/9/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
GENERAL DESCRIPTION
The EV2364/1541-00A is an evaluation board
for DSL Power applications. It has four outputs
and can supply 1.5A continuous output current
over a wide input supply range with excellent
load
and
line
regulation.
Current
mode
operation provides fast transient response and
eases
loop
stabilization.
Fault
condition
protection
includes
cycle-by-cycle
current
limiting and thermal shutdown.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
5 – 23
V
Output Voltage A
VOUTA
3.3
V
Output Current A
IOUTA
1.5
A
Output Voltage B
VOUTB
1.8
V
Output Current B
IOUTB
1.5
A
Output Voltage C
VOUTC
12.8
V
Output Current C
IOUTC
100
mA
Output Voltage D
VOUTD
5
V
Output Current D
IOUTD
100
mA
FEATURES
• 1.5A Current for 3.3V and 1.8V Outputs
• Ceramic Input and Output Capacitors
• High Efficiency
• Fixed Operating Frequency
• Wide 5V to 23V Operating Input Range
• Adjustable Output
• Programmable Under Voltage Lockout
• Programmable Soft-Start
APPLICATIONS
• Distributed Power Systems
• I/O and Core Supplies
• DSL Modems
• Set Top Boxes
•
Cable Modems
“MPS” and “The Future of Analog IC Technology” are Trademarks of
Monolithic Power Systems, Inc.
EV2364DF/1541DJ-00A EVALUATION BOARD
Dimensions (2.6”X x 2.6”Y x 0.4”Z)
Board Number
MPS IC Number
EV2364DF/1541DJ-00A
MP2364DF and MP1541DJ


Similar Part No. - MP2364DF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2364DF MPS-MP2364DF Datasheet
220Kb / 4P
1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
MP2364DF MPS-MP2364DF Datasheet
214Kb / 4P
1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
MP2364DF MPS-MP2364DF Datasheet
281Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
More results

Similar Description - MP2364DF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
MULTI OUTPUT POWER SUPPLY
logo
List of Unclassifed Man...
PD-LPM-0102EP ETC-PD-LPM-0102EP Datasheet
55Kb / 4P
DSL LTU POWER MODULE: 36-72VDC INPUT, DUAL 120VDC/60mA OUTPUT
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
Triple-Output LCD Power Supply
logo
Power Integrations, Inc...
DER-36 POWERINT-DER-36 Datasheet
274Kb / 23P
42W, 4 Output Supply using TOP245Y
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
Single Output Switching Power Supply
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
Dual Output Switching Power Supply
VPD-110A CUI-VPD-110A Datasheet
57Kb / 2P
100W 2, 4 Output Switching Supply
VPD-110B CUI-VPD-110B Datasheet
57Kb / 2P
100W 2, 4 Output Switching Supply
logo
Mean Well Enterprises C...
Q-250 MEANWELL-Q-250 Datasheet
808Kb / 3P
250W Quad Output Power Supply
logo
Texas Instruments
TPS43340-Q1 TI1-TPS43340-Q1_15 Datasheet
1Mb / 44P
Quad-Output Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com