Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA607 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA607
Description  Low-voltage high performance mixer FM IF system
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA607 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA607 Datasheet HTML 6Page - NXP Semiconductors SA607 Datasheet HTML 7Page - NXP Semiconductors SA607 Datasheet HTML 8Page - NXP Semiconductors SA607 Datasheet HTML 9Page - NXP Semiconductors SA607 Datasheet HTML 10Page - NXP Semiconductors SA607 Datasheet HTML 11Page - NXP Semiconductors SA607 Datasheet HTML 12Page - NXP Semiconductors SA607 Datasheet HTML 13Page - NXP Semiconductors SA607 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Philips Semiconductors
Product specification
SA607
Low voltage high performance mixer FM IF system
1997 Nov 07
10
TEMPERATURE (
°C)
8.00
7.75
7.50
7.25
7.00
6.75
6.50
6.25
6.00
5.75
5.50
5.25
5.00
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
2.7V
3V
7.0V
SR00394
Figure 8. Mixer Noise Figure vs Supply Voltage
TEMPERATURE (
°C)
18.00
17.75
17.50
17.25
17.00
16.75
16.50
16.25
16.00
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
2.7V
3V
7.0V
SR00395
Figure 9. Conversion Gain vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com