Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA607 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SA607
Description  Low-voltage high performance mixer FM IF system
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA607 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SA607 Datasheet HTML 10Page - NXP Semiconductors SA607 Datasheet HTML 11Page - NXP Semiconductors SA607 Datasheet HTML 12Page - NXP Semiconductors SA607 Datasheet HTML 13Page - NXP Semiconductors SA607 Datasheet HTML 14Page - NXP Semiconductors SA607 Datasheet HTML 15Page - NXP Semiconductors SA607 Datasheet HTML 16Page - NXP Semiconductors SA607 Datasheet HTML 17Page - NXP Semiconductors SA607 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Philips Semiconductors
Product specification
SA607
Low voltage high performance mixer FM IF system
1997 Nov 07
14
2.400
2.000
1.600
1.200
0.800
0.400
0.000
–95
–85
–75
–65
–55
–45
–35
–25
–15
–5
5
IF LEVEL (dBm)
+85
°C
–40
°C
ROOM
SR00401
Figure 15. RSSI (455kHz IF @ 3V)
2.1
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
–125
–115
–105
–95
–85
–75
–65
–55
–45
–35
–25
RF LEVEL (dBm)
+85
°C
+27
°C
–40
°C
SR00402
Figure 16. RSSI vs RF Level and Temperature - VCC = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com