Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA607 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA607
Description  Low-voltage high performance mixer FM IF system
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA607 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA607 Datasheet HTML 9Page - NXP Semiconductors SA607 Datasheet HTML 10Page - NXP Semiconductors SA607 Datasheet HTML 11Page - NXP Semiconductors SA607 Datasheet HTML 12Page - NXP Semiconductors SA607 Datasheet HTML 13Page - NXP Semiconductors SA607 Datasheet HTML 14Page - NXP Semiconductors SA607 Datasheet HTML 15Page - NXP Semiconductors SA607 Datasheet HTML 16Page - NXP Semiconductors SA607 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Philips Semiconductors
Product specification
SA607
Low voltage high performance mixer FM IF system
1997 Nov 07
13
5
–125
–115
–105
–95
–85
–75
–65
–55
–45
–35
–25
RF LEVEL (dBm)
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
VCC = 3V
RF = 45MHz
DEVIATION =
±8kHz
AUDIO LEVEL = 127mVRMS
AUDIO
THD + NOISE
AM REJECTION
NOISE
SR00399
Figure 13. Sensitivity vs RF Level (Temperature 85
°C)
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (
°C)
VCC = 3V
RF = 45MHz
DEVIATION =
±8kHz
AUDIO LEVEL = +117.6mVRMS
AUDIO
DISTORTION
AM REJECTION
NOISE
RF LEVEL = –45dBm
SR00400
Figure 14. Relative Audio Level, Distortion, AM Rejection and Noise vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com