Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA607 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA607
Description  Low-voltage high performance mixer FM IF system
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA607 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA607 Datasheet HTML 7Page - NXP Semiconductors SA607 Datasheet HTML 8Page - NXP Semiconductors SA607 Datasheet HTML 9Page - NXP Semiconductors SA607 Datasheet HTML 10Page - NXP Semiconductors SA607 Datasheet HTML 11Page - NXP Semiconductors SA607 Datasheet HTML 12Page - NXP Semiconductors SA607 Datasheet HTML 13Page - NXP Semiconductors SA607 Datasheet HTML 14Page - NXP Semiconductors SA607 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Philips Semiconductors
Product specification
SA607
Low voltage high performance mixer FM IF system
1997 Nov 07
11
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–66
–56
–46
–36
–26
–16
–6
4
14
24
34
FUND PRODUCT
3rd ORDER PRODUCT
*50
Ω INPUT
RF* INPUT LEVEL (dBm)
RF = 45MHz
IF = 455kHz
SR00396
Figure 10. Mixer Third Order Intercept and Compression



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com