Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA621 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA621
Description  1GHz - Low voltage LNA, mixer and VCO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA621 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA621 Datasheet HTML 3Page - NXP Semiconductors SA621 Datasheet HTML 4Page - NXP Semiconductors SA621 Datasheet HTML 5Page - NXP Semiconductors SA621 Datasheet HTML 6Page - NXP Semiconductors SA621 Datasheet HTML 7Page - NXP Semiconductors SA621 Datasheet HTML 8Page - NXP Semiconductors SA621 Datasheet HTML 9Page - NXP Semiconductors SA621 Datasheet HTML 10Page - NXP Semiconductors SA621 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product specification
SA621
1GHz low voltage LNA, mixer and VCO
1997 Nov 07
7
PERFORMANCE CHARACTERISTICS
SR01426
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
25
°C
85
°C
ICC vs VCC and Temperature
13.0
12.8
12.6
12.4
12.2
12.0
11.8
13.8
13.6
13.4
13.2
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
85
°C
Mixer Power Gain vs VCC
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
25
°C
85
°C
LO to LNA In Feedthrough vs VCC
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
LO to Mixer In Feedthrough vs VCC
-35
-36
-37
-38
-39
-40
-41
-42
-43
-44
-45
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
25
°C
85
°C
LO to IF Feedthrough vs VCC
-20
-21
-22
-23
-24
-25
-26
-27
-28
-29
-30
12
11
10
9
8
7
6
5
4
25
°C
25
°C
85
°C
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
ICC vs VCC at Room Temperature
14
12
10
8
6
4
0
ICC Full Chip Power–On
2
ICC LNA Off, Mixer & VCO On
ICC VCO On, LNA & Mixer Off
-44
-46
-48
-50
-52
-54
-56
-58
-60
-62
-64
Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com