Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA621 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SA621
Description  1GHz - Low voltage LNA, mixer and VCO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA621 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SA621 Datasheet HTML 8Page - NXP Semiconductors SA621 Datasheet HTML 9Page - NXP Semiconductors SA621 Datasheet HTML 10Page - NXP Semiconductors SA621 Datasheet HTML 11Page - NXP Semiconductors SA621 Datasheet HTML 12Page - NXP Semiconductors SA621 Datasheet HTML 13Page - NXP Semiconductors SA621 Datasheet HTML 14Page - NXP Semiconductors SA621 Datasheet HTML 15Page - NXP Semiconductors SA621 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Philips Semiconductors
Product specification
SA621
1GHz low voltage LNA, mixer and VCO
1997 Nov 07
12
4
CH1
S11/M
1 U FS
2
1
3
1:
-11.766
Ω
289.41
Ω
200 MHz
2:
11.953
Ω
134.05
Ω
400 MHz
3:
16.555
Ω
78.48
Ω
600 MHz
START
100. 000 000 MHz
STOP
1 200. 000 000 MHz
SR01257
3:
18.652
Ω
31.516
Ω
5.5732 nH
900 MHz
Figure 12. Typical 1/S11 of VCO (Pin 7)at 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com