Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA621 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA621
Description  1GHz - Low voltage LNA, mixer and VCO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA621 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA621 Datasheet HTML 1Page - NXP Semiconductors SA621 Datasheet HTML 2Page - NXP Semiconductors SA621 Datasheet HTML 3Page - NXP Semiconductors SA621 Datasheet HTML 4Page - NXP Semiconductors SA621 Datasheet HTML 5Page - NXP Semiconductors SA621 Datasheet HTML 6Page - NXP Semiconductors SA621 Datasheet HTML 7Page - NXP Semiconductors SA621 Datasheet HTML 8Page - NXP Semiconductors SA621 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Product specification
SA621
1GHz low voltage LNA, mixer and VCO
1997 Nov 07
3
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Supply voltage1
-0.3 to +6
V
VIN
Voltage applied to any other pin
-0.3 to (VCC + 0.3)
V
PD
Power dissipation, TA = 25°C (still air)2
20-Pin Plastic SSOP
980
mW
TJMAX
Maximum operating junction temperature
150
°C
PMAX
Maximum power input/output
+20
dBm
TSTG
Storage temperature range
–65 to +150
°C
NOTE:
1. Transients exceeding 8V on VCC pin may damage product.
2. Maximum dissipation is determined by the operating ambient temperature and the thermal resistance,
θJA: 20-Pin SSOP = 110°C/W
3. Pins 19 and 20 are ESD sensitive (mixer outputs).
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Supply voltage
2.7 to 5.5
V
TA
Operating ambient temperature range
-40 to +85
°C
TJ
Operating junction temperature
-40 to +105
°C
DC ELECTRICAL CHARACTERISTICS
VCC = +3.0V, TA = 25°C; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Full power-on
13.3
mA
ICC
Supply current
LNA powered-down
10
mA
ICC
Su
ly current
Standby (VCO + bias)
5.7
mA
Full power-down
20
µA
VT
PD logic threshold voltage
1.2
1.6
1.8
V
VIH
Logic 1 level
2.0
VCC
V
VIL
Logic 0 level
–0.3
0.8
V
IIL
PD1 input current
Enable = 0.4V
10
µA
IIH
PD2 input current
Enable = 2.4V
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com