Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA621 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA621
Description  1GHz - Low voltage LNA, mixer and VCO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA621 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA621 Datasheet HTML 4Page - NXP Semiconductors SA621 Datasheet HTML 5Page - NXP Semiconductors SA621 Datasheet HTML 6Page - NXP Semiconductors SA621 Datasheet HTML 7Page - NXP Semiconductors SA621 Datasheet HTML 8Page - NXP Semiconductors SA621 Datasheet HTML 9Page - NXP Semiconductors SA621 Datasheet HTML 10Page - NXP Semiconductors SA621 Datasheet HTML 11Page - NXP Semiconductors SA621 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product specification
SA621
1GHz low voltage LNA, mixer and VCO
1997 Nov 07
8
PERFORMANCE CHARACTERISTICS
SR01427
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
85
°C
Mixer In to IF Feedthrough vs VCC
15.0
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
25
°C
85
°C
LNA Gain (Enabled) vs VCC
14.8
14.6
14.4
14.2
14.0
13.8
13.6
15.6
15.4
15.2
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
25
°C
85
°C
Mixer Noise Figure vs VCC
12.5
12.4
12.3
12.2
12.1
12.0
11.9
11.8
11.7
11.6
11.5
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
25
°C
85
°C
LNA Noise Figure vs VCC
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
85
°C
VCO Phase Noise vs VCC @60kHz Offset
–100.0
–105.0
–110.0
–115.0
–120.0
–125.0
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
VCO Phase Noise vs VCC @ 30kHz Offset
–100.0
–105.0
–110.0
–115.0
–120.0
–125.0
–95.0
25
°C
40
°C
85
°C
–95.0
40
°C
–35
–36
–37
–38
–39
–40
–41
–42
–43
–44
–45
25
°C
Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com