Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2303 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2303
Description  3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2303 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2303 Datasheet HTML 1Page - Monolithic Power Systems MP2303 Datasheet HTML 2Page - Monolithic Power Systems MP2303 Datasheet HTML 3Page - Monolithic Power Systems MP2303 Datasheet HTML 4Page - Monolithic Power Systems MP2303 Datasheet HTML 5Page - Monolithic Power Systems MP2303 Datasheet HTML 6Page - Monolithic Power Systems MP2303 Datasheet HTML 7Page - Monolithic Power Systems MP2303 Datasheet HTML 8Page - Monolithic Power Systems MP2303 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP2303 – 3A, 28V, 340KHz SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP2303 Rev. 0.91
www.MonolithicPower.com
2
3/10/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP2303DN
SOIC8N
(Exposed Pad)
–40°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2303DN–Z)
For Lead Free, add suffix –LF (eg. MP2303DN–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VIN....................... –0.3V to +30V
Switch Voltage VSW................. –1V to VIN + 0.3V
Boost Voltage VBS..........VSW – 0.3V to VSW + 6V
All Other Pins................................. –0.3V to +6V
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature .............–65°C to +150°C
Recommended Operating Conditions
(2)
Input Voltage VIN............................ 4.75V to 28V
Output Voltage VOUT ........................ 0.8V to 25V
Ambient Operating Temperature ... –40°C to +85°C
Thermal Resistance
(3)
θJA
θJC
SOIC8N .................................. 50 ...... 10...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
(4)
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
(4)
Max
Units
Shutdown Supply Current
VEN = 0V
0.3
3.0
µA
Supply Current
VEN = 2.7V, VFB = 1.0V
1.3
1.5
mA
4.75V
≤ VIN ≤ 28V,
TA = +25°C
0.780
0.800
0.820
V
Feedback Voltage
VFB
–40
°C ≤ TA ≤ +85°C
0.772
0.828
V
OVP Threshold Voltage
0.90
0.95
1.00
V
Error Amplifier Voltage Gain
AEA
400
V/V
Error Amplifier Transconductance
GEA
∆IC = ±10µA
550
820
1100
µA/V
High-Side Switch-On Resistance
RDS(ON)1
120
mΩ
Low-Side Switch-On Resistance
RDS(ON)2
120
mΩ
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V
0
10
µA
Upper-Switch Current Limit
4.3
6.3
A
Lower-Switch Current Limit
From Drain to Source
1.25
A
COMP to Current Sense
Transconductance
GCS
9
A/V
TA = +25°C
300
340
380
KHz
Oscillation Frequency
Fosc1
–40
°C ≤ TA ≤ +85°C
270
400
KHz
Short Circuit Oscillation Frequency
Fosc2
VFB = 0V
110
KHz
Maximum Duty Cycle
DMAX
VFB = 0.7V
90
%
Minimum On-Time
220
ns
EN Shutdown Threshold Voltage
VEN Rising
1.1
1.5
2.0
V
BS
IN
SW
GND
SS
EN
COMP
FB
1
2
3
4
8
7
6
5
TOP VIEW
MP2303_PD01_SOIC8N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com