Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2303 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2303
Description  3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2303 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2303 Datasheet HTML 1Page - Monolithic Power Systems MP2303 Datasheet HTML 2Page - Monolithic Power Systems MP2303 Datasheet HTML 3Page - Monolithic Power Systems MP2303 Datasheet HTML 4Page - Monolithic Power Systems MP2303 Datasheet HTML 5Page - Monolithic Power Systems MP2303 Datasheet HTML 6Page - Monolithic Power Systems MP2303 Datasheet HTML 7Page - Monolithic Power Systems MP2303 Datasheet HTML 8Page - Monolithic Power Systems MP2303 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP2303 – 3A, 28V, 340KHz SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP2303 Rev. 0.91
www.MonolithicPower.com
5
3/10/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VO = 3.3V, L = 10µH, CIN = 10µF, COUT = 22µF x 2, TA = +25°C, unless otherwise noted.
VIN
200mV/div.
VOUT
AC Coupled
10mV/div.
IL
500mA/div.
MP2303-TPC07
Steady State Test
VIN = 12V, VOUT = 3.3V, IOUT = 1A
VOUT
1V/div.
IL
1A/div.
4ms/div.
MP2303-TPC05
VOUT
1V/div.
VSW
10V/div.
VEN
5V/div.
IL
1A/div.
MP2303-TPC06
Power Off through Enable
VIN = 24V, VOUT = 3.3V, IOUT = 2A
VOUT
100mV/div.
VSW
20V/div.
VCOMP
200mV/div.
IL
1A/div.
MP2303-TPC08
Load Transient Test
VIN = 24V, VOUT = 3.3V,
IOUT = 0A-1A step with CFF = 470pF
VOUT
1V/div.
VCOMP
1V/div.
IL
2A/div.
MP2303-TPC09
Short Circuit Protection
VIN = 24V, VOUT = 3.3V, IOUT = 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com