Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2303 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2303
Description  3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2303 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2303 Datasheet HTML 1Page - Monolithic Power Systems MP2303 Datasheet HTML 2Page - Monolithic Power Systems MP2303 Datasheet HTML 3Page - Monolithic Power Systems MP2303 Datasheet HTML 4Page - Monolithic Power Systems MP2303 Datasheet HTML 5Page - Monolithic Power Systems MP2303 Datasheet HTML 6Page - Monolithic Power Systems MP2303 Datasheet HTML 7Page - Monolithic Power Systems MP2303 Datasheet HTML 8Page - Monolithic Power Systems MP2303 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP2303
3A, 28V, 340KHz Synchronous Rectified
Step-Down Converter
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP2303 Rev. 0.91
www.MonolithicPower.com
1
3/10/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP2303 is a monolithic synchronous buck
regulator.
The
device
integrates
120mΩ
MOSFETS that provide 3A continuous load
current over a wide operating input voltage of
4.75V to 28V. Current mode control provides
fast transient response and cycle-by-cycle
current limit.
An adjustable soft-start prevents inrush current
at turn-on. In shutdown mode, the supply
current drops to 1µA.
This device, available in an 8-pin SOIC
package, provides a very compact system
solution with minimal reliance on external
components.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2303DN-00A
2.0”X x 1.5”Y x 0.5”Z
FEATURES
• 3A Output Current
• Wide 4.75V to 28V Operating Input Range
• Integrated 120mΩ Power MOSFET Switches
• Output Adjustable from 0.8V to 25V
• Up to 95% Efficiency
• Programmable Soft-Start
• Stable with Low ESR Ceramic Output Capacitors
• Fixed 340KHz Frequency
• Cycle-by-Cycle Over Current Protection
• Input Under Voltage Lockout
• Thermally Enhanced 8-Pin SOIC Package
APPLICATIONS
• Distributed Power Systems
• Pre-Regulator for Linear Regulators
• Notebook Computers
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
VIN
4.75V-28V
VOUT
5V/3A
C5
10nF
C3
3.3nF
MP2303
BS
SS
EN
COMP
FB
IN
SW
GND
3
4
8
7
6
5
1
2
MP2303_TAC01
C6
(optional)
100
90
80
70
60
50
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
MP2303-EC01
Efficiency vs
Load Current
VIN = 12V
VIN = 24V
VOUT = 5V


Similar Part No. - MP2303

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2303 MPS-MP2303 Datasheet
388Kb / 14P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303A MPS-MP2303A Datasheet
441Kb / 15P
3A, 28V, 360kHz Synchronous Rectified Step-Down Converter
MP2303ADN MPS-MP2303ADN Datasheet
441Kb / 15P
3A, 28V, 360kHz Synchronous Rectified Step-Down Converter
MP2303ADP MPS-MP2303ADP Datasheet
441Kb / 15P
3A, 28V, 360kHz Synchronous Rectified Step-Down Converter
MP2303DN MPS-MP2303DN Datasheet
197Kb / 4P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
More results

Similar Description - MP2303

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2303DN-00A MPS-EV2303DN-00A Datasheet
197Kb / 4P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP1570 MPS-MP1570 Datasheet
326Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2303 MPS-MP2303_06 Datasheet
388Kb / 14P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 MPS-MP2307 Datasheet
346Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484A UTC-P1484A Datasheet
246Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Analog Microelectronics
AME5269 AME-AME5269 Datasheet
346Kb / 18P
2A, 28V, 340KHz Synchronous Rectified Step-Down Converter
AME5268 AME-AME5268 Datasheet
203Kb / 20P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converte
logo
Guangdong Kexin Industr...
MP1484 KEXIN-MP1484 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Anpec Electronics Corop...
A5268 ANPEC-A5268 Datasheet
479Kb / 16P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
Rev.B.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com