Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2303 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2303
Description  3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2303 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2303 Datasheet HTML 1Page - Monolithic Power Systems MP2303 Datasheet HTML 2Page - Monolithic Power Systems MP2303 Datasheet HTML 3Page - Monolithic Power Systems MP2303 Datasheet HTML 4Page - Monolithic Power Systems MP2303 Datasheet HTML 5Page - Monolithic Power Systems MP2303 Datasheet HTML 6Page - Monolithic Power Systems MP2303 Datasheet HTML 7Page - Monolithic Power Systems MP2303 Datasheet HTML 8Page - Monolithic Power Systems MP2303 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP2303 – 3A, 28V, 340KHz SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP2303 Rev. 0.91
www.MonolithicPower.com
4
3/10/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VO = 3.3V, L = 10µH, CIN = 10µF, COUT = 22µF x 2, TA = +25°C, unless otherwise noted.
MP2303-TPC01
Feeback Voltage vs.
Temperature
MP2303-TPC02
UVLO Rising vs.
Temperature
MP2303-TPC04
Oscillator Frequency
0.810
0.805
0.800
0.795
0.790
0.7850
0.780
4.5
4.4
4.3
4.2
4.1
4.0
3.9
3.8
3.7
-40
-20
020
40
60
80
-40
-20
020
40
60
80
TEMPERATURE (oC)
345
340
335
330
325
-40
-20
020
40
60
80
TEMPERATURE (oC)
TEMPERATURE (oC)
VIN = 4.75V
VIN = 12V
VIN = 28V
MP2303-TPC03
Enable Lockout Threshold
vs. Temperature
2.70
2.65
2.60
2.55
2.50
2.45
2.40
2.35
2.30
-40
-20
020
40
60
80
TEMPERATURE (oC)
95
90
85
80
75
70
65
60
55
50
0
0.5
1.0
1.5 2.0
2.5
3.5
3.0
LOAD CURRENT (A)
MP2303-EC02
Efficiency vs
Load Current
VIN = 12V
VIN = 24V
VOUT = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com