Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7720DP Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7720DP
Description  20W Class D Mono Single Ended Audio Amplifer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7720DP Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7720DP Datasheet HTML 1Page - Monolithic Power Systems MP7720DP Datasheet HTML 2Page - Monolithic Power Systems MP7720DP Datasheet HTML 3Page - Monolithic Power Systems MP7720DP Datasheet HTML 4Page - Monolithic Power Systems MP7720DP Datasheet HTML 5Page - Monolithic Power Systems MP7720DP Datasheet HTML 6Page - Monolithic Power Systems MP7720DP Datasheet HTML 7Page - Monolithic Power Systems MP7720DP Datasheet HTML 8Page - Monolithic Power Systems MP7720DP Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP7720 – 20W CLASS D MONO SINGLE ENDED AUDIO AMPLIFIER
MP7720 Rev. 1.9
www.MonolithicPower.com
3
3/13/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
OPERATING SPECIFICATIONS
Circuit of Figure 1, VDD = 24V, VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Standby Current
VEN = 0V
130
µA
Quiescent Current
13
mA
f = 1KHz, THD+N = 10%,
4Ω Load
20
W
Power Output
f = 1KHz, THD+N = 10%,
8Ω Load
10
W
POUT = 1W, f = 1KHz, 4Ω
Load
0.08
%
THD+ Noise
POUT = 1W, f = 1KHz, 8Ω
Load
0.04
%
f = 1KHz, POUT = 1W, 4Ω
Load
90
%
Efficiency
f = 1KHz, POUT = 1W, 8Ω
Load
95
%
Maximum Power Bandwidth
20
KHz
Dynamic Range
93
dB
Noise Floor
A-Weighted
190
µV
Power Supply Rejection
f = 1KHz
60
dB
PIN FUNCTIONS
Pin #
Name Description
1
PIN
Amplifier Positive Input. PIN is the positive side of the differential input to the amplifier. Use a
resistive voltage divider to set the voltage at PIN to VDD/2. See Figure 1.
2
NIN
Amplifier Negative Input. NIN is the negative side of the differential input to the amplifier. Drive
the input signal and close the feedback loop at NIN. See Figure 1.
3
AGND Analog Ground. Connect AGND to PGND at a single point.
4
EN
Enable Input. Drive EN high to turn on the amplifier, low to turn it off.
5
BS
High-Side MOSFET Bootstrap Input. A capacitor from BS to SW supplies the gate drive
current to the internal high-side MOSFET. Connect a 0.1µF capacitor from SW to BS. Place a
6.2V zener diode from BS to SW to prevent overstressing of the internal circuitry.
6
VDD
Power Supply Input. VDD is the drain of the high-side MOSFET switch, and supplies the
power to the output stage and the MP7720 internal control circuitry. In addition to the main
bulk capacitor, bypass VDD to PGND with a 1µF X7R capacitor placed close to pins 6 and 8.
7
SW
Switched Power Output. SW is the output of the MP7720. Connect the LC filter between SW
and the output coupling capacitor. See Figure 1.
8
PGND Power Ground. Connect PGND to AGND at a single point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com