Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7720DP Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP7720DP
Description  20W Class D Mono Single Ended Audio Amplifer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7720DP Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP7720DP Datasheet HTML 3Page - Monolithic Power Systems MP7720DP Datasheet HTML 4Page - Monolithic Power Systems MP7720DP Datasheet HTML 5Page - Monolithic Power Systems MP7720DP Datasheet HTML 6Page - Monolithic Power Systems MP7720DP Datasheet HTML 7Page - Monolithic Power Systems MP7720DP Datasheet HTML 8Page - Monolithic Power Systems MP7720DP Datasheet HTML 9Page - Monolithic Power Systems MP7720DP Datasheet HTML 10Page - Monolithic Power Systems MP7720DP Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MP7720 – 20W CLASS D MONO SINGLE ENDED AUDIO AMPLIFIER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP7720 Rev. 1.9
www.MonolithicPower.com
11
3/13/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PDIP8
NOTE:
1) CONTROL DIMENSION IS IN INCHES. DIMENSION IN BRACKET IS IN MILLIMETERS.
2) PACKAGE LENGTH AND WIDTH DO NOT INCLUDE MOLD FLASH, OR PROTRUSIONS.
3) DRAWING CONFORMS TO JEDEC MS-001, VARIATION BA.
4) DRAWING IS NOT TO SCALE.
0.008(0.20)
0.014(0.36)
0.240(6.10)
0.260(6.60)
PIN 1 ID
0.050(1.27)
0.065(1.65)
0.367(9.32)
0.387(9.83)
TOP VIEW
FRONT VIEW
SIDE VIEW
1
4
85
0.300(7.62)
0.325(8.26)
0.320( 8.13)
0.400(10.16)
0.125(3.18)
0.145(3.68)
0.120(3.05)
0.140(3.56)
0.015(0.38)
0.021(0.53)
0.100(2.54)
BSC
0.015(0.38)
0.035(0.89)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com