Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7720DP Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP7720DP
Description  20W Class D Mono Single Ended Audio Amplifer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7720DP Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP7720DP Datasheet HTML 1Page - Monolithic Power Systems MP7720DP Datasheet HTML 2Page - Monolithic Power Systems MP7720DP Datasheet HTML 3Page - Monolithic Power Systems MP7720DP Datasheet HTML 4Page - Monolithic Power Systems MP7720DP Datasheet HTML 5Page - Monolithic Power Systems MP7720DP Datasheet HTML 6Page - Monolithic Power Systems MP7720DP Datasheet HTML 7Page - Monolithic Power Systems MP7720DP Datasheet HTML 8Page - Monolithic Power Systems MP7720DP Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP7720 – 20W CLASS D MONO SINGLE ENDED AUDIO AMPLIFIER
MP7720 Rev. 1.9
www.MonolithicPower.com
5
3/13/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
OPERATION
The MP7720 is a single-ended Class D audio
amplifier. It uses the Monolithic Power Systems
patented Analog Adaptive ModulationTM to
convert the audio input signal into pulses.
These pulses drive an internal high-current
output stage and, when filtered through an
external inductor-capacitor filter, reproduce the
input signal across the load. Because of the
switching
Class
D
output
stage,
power
dissipation in the amplifier is drastically reduced
when compared to Class A, B or A/B amplifiers
while
maintaining
high
fidelity
and
low
distortion.
The amplifier uses a differential input to the
modulator. PIN is the positive input and NIN is
the negative input. The common mode voltage
of the input is set to half the DC power supply
input voltage (VDD/2) through the resistive
voltage divider formed by R2 and R3. The input
capacitor C1 couples the AC signal at the input.
The amplifier voltage gain is set by the
combination of R1 and R4 and is calculated by
the equation:
1
R
4
R
AV
−
=
The output driver stage uses two 180mΩ
N-Channel MOSFETs to deliver the pulses to
the LC output filter which in turn drives the load.
To fully enhance the high-side MOSFET, the
gate is driven to a voltage higher than the
source by the bootstrap capacitor between SW
and BS. While the output is driven low, the
bootstrap capacitor is charged from VDD through
an internal circuit on the MP7720. The gate of
the high-side MOSFET is driven high from the
voltage at BS, forcing the MOSFET gate to a
voltage higher than VDD and allowing the
MOSFET to fully turn on, reducing power loss in
the amplifier.
Pop Elimination
The capacitor C9 passes only AC currents to
the load. To insure that the amplifier passes low
frequency
signals,
the
time
constant
of
C9*RLOAD needs to be long. However, when EN
is asserted, the capacitor charges over a long
period and in a normal amplifier can result in a
turn on and/or turn off “pop.” The MP7720
includes integrated circuitry that eliminates the
turn on and turn off pop associated with the
charging of the AC coupling capacitor.
Short Circuit/Overload Protection
The MP7720 has internal overload and short
circuit protection. The currents in both the high-
side and low-side MOSFETs are measured and
if the current exceeds the 5.0A short circuit
current limit, both MOSFETs are turned off. The
MP7720 then restarts with the same power up
sequence that is used for normal starting to
prevent a pop from occurring after a short
circuit condition is removed.
Mute/Enable Function
The MP7720 EN input is an active high enable
control. To enable the MP7720, drive EN with a
2.0V or greater voltage. To disable the
amplifier, drive it below 0.4V. While the MP7720
is disabled, the VDD operating current is less
than 5µA and the output driver MOSFETs are
turned off. The MP7720 requires approximately
500ms from the time that EN is asserted (driven
high) to when the amplifier begins normal
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com