Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7720DP Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7720DP
Description  20W Class D Mono Single Ended Audio Amplifer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7720DP Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7720DP Datasheet HTML 1Page - Monolithic Power Systems MP7720DP Datasheet HTML 2Page - Monolithic Power Systems MP7720DP Datasheet HTML 3Page - Monolithic Power Systems MP7720DP Datasheet HTML 4Page - Monolithic Power Systems MP7720DP Datasheet HTML 5Page - Monolithic Power Systems MP7720DP Datasheet HTML 6Page - Monolithic Power Systems MP7720DP Datasheet HTML 7Page - Monolithic Power Systems MP7720DP Datasheet HTML 8Page - Monolithic Power Systems MP7720DP Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP7720
20W Class D Mono
Single Ended Audio Amplifer
MP7720 Rev. 1.9
www.MonolithicPower.com
1
3/13/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP7720 is a mono 20W Class D Audio
Amplifier. It is one of MPS’ second generation
of fully integrated audio amplifiers which
dramatically reduces solution size by integrating
the following:
180mΩ power MOSFETs
Startup / Shutdown pop elimination
Short circuit protection circuits
Mute / Standby
The MP7720 utilizes a single ended output
structure capable of delivering 20W into 4Ω
speakers. MPS Class D Audio Amplifiers exhibit
the high fidelity of a Class A/B amplifier at
efficiencies greater than 90%. The circuit is
based on the MPS’ proprietary variable
frequency topology that delivers excellent
PSRR, fast response time and operates on a
single power supply.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV0030
2.4”X x 3.5”Y x 1.2”Z
FEATURES
• 20W Output at VDD = 24V into a 4Ω load
• THD+N = 0.04% at 1W, 8Ω
• 93% Efficiency at 20W
• Low Noise (190µV Typical)
• Switching Frequency Up to 1MHz
• 9.5V to 24V Operation from a Single Supply
• Integrated Startup and Shutdown Pop
Elimination Circuit
• Thermal Protection
• Integrated 180mΩ Switches
• Mute/Standby Modes (Sleep)
• Available in Tiny 8-Pin SOIC and PDIP Packages
APPLICATIONS
• Surround Sound DVD Systems
• Televisions
• Flat Panel Monitors
• Multimedia Computers
• Home Stereo Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
AAM (Analog Adaptive Modulation) is a Trademark of Monolithic Power
Systems, Inc.
TYPICAL APPLICATION
+
AUDIO
INPUT
OFF ON
VDD
MP7720
SW
BS
PGND
VDD
PIN
EN
NIN
AGND
8
6
5
7
1
4
2
3
MP7720_TAC_S01
20
10
1
0.1
0.01
0.1
1
10
30
POWER (W)
MP7720-TPC01
THD+N vs
Power (24V, 1KHz)


Similar Part No. - MP7720DP

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7720DS MPS-MP7720DS Datasheet
519Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier
MP7720DS MPS-MP7720DS Datasheet
281Kb / 6P
Mini 20W Stereo Class D Single Ended Audio Amplifier
MP7720DS MPS-MP7720DS Datasheet
628Kb / 11P
150W Class D 5.1 Channel Audio Board
MP7720DS MPS-MP7720DS Datasheet
403Kb / 7P
20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
More results

Similar Description - MP7720DP

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0030 MPS-EV0030 Datasheet
519Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
20W Stereo Class D Single Ended Audio Amplifier
MP7722 MPS-MP7722 Datasheet
410Kb / 11P
2 x 20W Class D Stereo Single Ended Audio Amplifer
MP7740 MPS-MP7740 Datasheet
457Kb / 12P
15W Class D Mono Single Ended Audio Amplifer
MP7741 MPS-MP7741 Datasheet
507Kb / 14P
10W Class D Mono Single Ended Audio Amplifer
MP7742 MPS-MP7742 Datasheet
455Kb / 13P
2 x 15W Class D Stereo Single Ended Audio Amplifer
MP7745 MPS-MP7745 Datasheet
705Kb / 13P
2 x 20W Class D Stereo Single Ended Audio Amplifer
MP7747 MPS-MP7747 Datasheet
656Kb / 14P
20W Class D Mono Single Ended Audio Amplifier
logo
Diodes Incorporated
PAM8320 DIODES-PAM8320 Datasheet
640Kb / 11P
20W Mono Class D Audio Amplifier
Rev 1
logo
Monolithic Power System...
MP7721 MPS-MP7721 Datasheet
369Kb / 10P
2 x 10W Class D Stereo Single Ended Audio Amplifer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com