Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP331 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP331
Description  Programmable Dual RS-232/RS-485 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP331 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP331 Datasheet HTML 5Page - Sipex Corporation SP331 Datasheet HTML 6Page - Sipex Corporation SP331 Datasheet HTML 7Page - Sipex Corporation SP331 Datasheet HTML 8Page - Sipex Corporation SP331 Datasheet HTML 9Page - Sipex Corporation SP331 Datasheet HTML 10Page - Sipex Corporation SP331 Datasheet HTML 11Page - Sipex Corporation SP331 Datasheet HTML 12Page - Sipex Corporation SP331 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Date: 03-04-05
Programmable Dual RS-232/RS-485 Transceiver
© Copyright 2005 Sipex Corporation
9
Figure 11. Charge Pump Phase 1.
Figure 12. Charge Pump Phase 2.
Figure 13. Charge Pump Phase 3.
Figure 14. Charge Pump Phase 4.
simultaneously with this, the positive side of
capacitor C
1 is switched to +5V and the negative
side is connected to ground, and the cycle begins
again.
Since both V+ and Vare separately generated
from V
CC in a no–load condition, V+ and V
will
be symmetrical. Older charge pump approaches
that generate Vfrom V+ will show a decrease
in the magnitude of Vcompared to V+ due to
the inherent inefficiencies in the design.
The clock rate for the charge pump typically
operates at 15kHz. The external capacitors must
be 0.1
µF with a 16V breakdown rating.
External Power Supplies
For applications that do not require +5V only,
external supplies can be applied at the V+ and
Vpins. The value of the external supply volt-
ages must be no greater than
±l0V. The current
drain for the
±10V supplies is used for RS-232.
For the RS-232 driver the current requirement
will be 3.5mA per driver. The external power
supplies should provide a power supply se-
quence of :+l0V, then +5V, followed by –l0V.
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
VCC = +5V
–10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
VCC = +5V
–5V
+5V
–5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
VCC = +5V
+10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
Figure 15. Charge Pump Waveforms
+10V
a) C
2+
GND
GND
-10V
b) C
2-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com