Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP331 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP331
Description  Programmable Dual RS-232/RS-485 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP331 Datasheet(HTML) 5 Page - Sipex Corporation

  SP331 Datasheet HTML 1Page - Sipex Corporation SP331 Datasheet HTML 2Page - Sipex Corporation SP331 Datasheet HTML 3Page - Sipex Corporation SP331 Datasheet HTML 4Page - Sipex Corporation SP331 Datasheet HTML 5Page - Sipex Corporation SP331 Datasheet HTML 6Page - Sipex Corporation SP331 Datasheet HTML 7Page - Sipex Corporation SP331 Datasheet HTML 8Page - Sipex Corporation SP331 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Date: 03-04-05
Programmable Dual RS-232/RS-485 Transceiver
© Copyright 2005 Sipex Corporation
5
Figure 5. Driver Enable and Disable Times
Figure 6. Receiver Propagation Delays
VOH
VOL
RECEIVER OUT
1.5V
1.5V
tPHL
f = 1MHz; tR ≤ 10ns; tF ≤ 10ns
OUTPUT
V0D2+
V0D2–
A – B
0V
0V
tPLH
INPUT
Figure 4. Driver Propagation Delays
SWITCHING WAVEFORMS
+3V
0V
DE
5V
VOL
A, B
0V
1.5V
1.5V
tZL
tZH
f = 1MHz; tR < 10ns; tF < 10ns
VOH
A, B
2.3V
2.3V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
+3V
0V
DRIVER INPUT
A
B
DRIVER
OUTPUT
VO+
DIFFERENTIAL
OUTPUT
VA – VB
0V
VO–
1.5V
1.5V
tPLH
tF
tR
f ≥ 1MHz; tR ≤ 10ns; tF ≤ 10ns
VO
1/2VO
1/2VO
tPHL
tSKEW = |tDPLH - tDPHL|
tDPLH
tDPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com