Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP331 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP331
Description  Programmable Dual RS-232/RS-485 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP331 Datasheet(HTML) 3 Page - Sipex Corporation

  SP331 Datasheet HTML 1Page - Sipex Corporation SP331 Datasheet HTML 2Page - Sipex Corporation SP331 Datasheet HTML 3Page - Sipex Corporation SP331 Datasheet HTML 4Page - Sipex Corporation SP331 Datasheet HTML 5Page - Sipex Corporation SP331 Datasheet HTML 6Page - Sipex Corporation SP331 Datasheet HTML 7Page - Sipex Corporation SP331 Datasheet HTML 8Page - Sipex Corporation SP331 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Date: 03-04-05
Programmable Dual RS-232/RS-485 Transceiver
© Copyright 2005 Sipex Corporation
3
ELECTRICAL CHARACTERISTICS
Typically 25°C @ Vcc = +5V unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RS-485 DRIVER
Balance
±0.2
Volts
|V
T| - |VT|
Common-Mode Output
3.0
Volts
Output Current
28.0
mA
R
L=54Ω
Short Circuit Current
±250
mA
Terminated in –7V to +10V
AC Characteristics
Maximum Data Rate
10
Mbps
R
L=54Ω
Output Transition Time
30
50
ns
Rise/fall time, 10%–90%
Propagation Delay
See Figures 2 & 4
t
PHL
80
120
ns
R
DIFF=54Ω, CL1=CL2=100pF
t
PLH
80
120
ns
R
DIFF=54Ω, CL1=CL2=100pF
Driver Output Skew
10
20
ns
per Figure 4, t
SKEW = | tDPLH - tDPHL|
RS-485 RECEIVER
DC Characteristics
Inputs
Common Mode Range
–7.0
+12.0
Volts
Receiver Sensitivity
±0.2
±0.3
Volts
–7V ≤ V
CM ≤ +12V
Input Impedance
12
15
kΩ
–7V ≤ V
CM ≤ +12V
AC Characteristics
Maximum Data Rate
10
Mbps
Propagation Delay
See Figures 2 & 6
t
PHL
130
200
ns
R
DIFF=54Ω, CL1=CL2=100pF
t
PLH
130
200
ns
R
DIFF=54Ω, CL1=CL2=100pF
Differential Receiver Skew
10
20
ns
t
SKEW = | tPLH – tPHL |; RDIFF=54Ω,
C
L1=CL2=100pF
ENABLE TIMING
RS-485 Driver
Enable Time
See Figures 3 & 5
Enable to Low
90
150
ns
C
L=15pF, S1 Closed
Enable to High
90
150
ns
C
L=15pF, S2 Closed
Disable Time
See Figures 3 & 5
Disable From Low
80
120
ns
C
L=15pF, S1 Closed
Disable From High
80
120
ns
C
L=15pF, S2 Closed
POWER REQUIREMENTS
Supply Voltage V
CC
+4.75
+5.25
Volts
Supply Current I
CC
No Load (T
x Disabled)
10
15
mA
SEL_A
➨ SEL_D = "0001"
No Load (RS-232 Mode)
15
30
mA
SEL_A
➨ SEL_D = "0000"
No Load (RS-485 Mode)
7
20
mA
SEL_A
➨ SEL_D = "1100"
ENVIRONMENTAL
Operating Temperature
Commercial (..C..)
0
+70
°C
Industrial (..E..)
–40
+85
°C
Storage Temperature
–65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com