Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP331 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP331
Description  Programmable Dual RS-232/RS-485 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP331 Datasheet(HTML) 1 Page - Sipex Corporation

  SP331 Datasheet HTML 1Page - Sipex Corporation SP331 Datasheet HTML 2Page - Sipex Corporation SP331 Datasheet HTML 3Page - Sipex Corporation SP331 Datasheet HTML 4Page - Sipex Corporation SP331 Datasheet HTML 5Page - Sipex Corporation SP331 Datasheet HTML 6Page - Sipex Corporation SP331 Datasheet HTML 7Page - Sipex Corporation SP331 Datasheet HTML 8Page - Sipex Corporation SP331 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Date: 03-04-05
Programmable Dual RS-232/RS-485 Transceiver
© Copyright 2005 Sipex Corporation
1
FEATURES
■ +5V Only Operation
■ Software Programmable RS-232 or RS-485
Selection
■ Four RS-232 Transceivers in RS-232 Mode
■ Two RS-485 Full-Duplex Transceivers in
RS-485 Mode
■ Two RS-232 Transceivers and One RS-485
Transceiver in Dual Mode
■ Self-Testing Loopback Mode
■ Full Driver Tri-State (Hi-Z) Control
■ Ideal for RS-232 to RS-485 conversion
TI4
SEL_B
TX4
TX3
VCC
TX1
TX2
GND
C1+
V+ (VDD)
C2+
C1–
C2–
V– (VSS)
TI3
TI2
TI1
SEL_C
SEL_A
SEL_D
RX4
RX3
RX2
RX1
RI4
RI3
RI2
RI1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
SP331
ProgrammableDualRS-232/RS-485Transceiver
®
The SP331 is a programmable RS-232 and/or RS-485 transceiver IC. The SP331 contains four
drivers and four receivers when selected in RS-232 mode; and two drivers and two receivers
when selected in RS-485 mode. The SP331 also contains a dual mode which has two RS-232
drivers/receivers plus one differential RS-485 driver/receiver.
The RS-232 transceivers can typically operate at 230kbps while adhering to the RS-232
specifications. The RS-485 transceivers can operate up to 10Mbps while adhering to the RS-485
specifications. The SP331 includes a self-test loopback mode where the driver outputs are
internally configured to the receiver inputs. This allows for easy diagnostic serial port testing
without using an external loopback plug. The RS-232 and RS-485 drivers can be disabled
(High-Z output) by controlling a set of four select pins.
DESCRIPTION
SEL A
TTL/CMOS
TTL/CMOS
TTL/CMOS
0.1µF
0.1µF
C1+
C1-
C2+
C2-
1
SEL B
2
+5V
VCC
5
GND
8
9
11
12
13
19
20
22
24
26
27
28
TTL/CMOS
TTL/CMOS
TTL/CMOS
TTL/CMOS
T1
T3
R1
RS-485
RS-485
RS-485
0V
0.1µF
0.1µF
V+
V-
0V
SEL C
RS-485
RS-485
RS-485
4
6
7
10
14
15
16
23
25
3
RI1
RI2
TX3
TX4
TX1
TX2
TI1
TI2
TI3
TI4
RX1
RX2
TTL/CMOS
21
R3
17
18
RI4
RI3
RX3
RX4
15KΩ
15KΩ
15KΩ
15KΩ
400KΩ
Vcc
400KΩ
Vcc
SEL D
RS-485
RS-485
+5V
+5V
SP331
TYPICAL APPLICATION CIRCUITS
Now Available in Lead Free Packaging


Similar Part No. - SP331

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP331 SIPEX-SP331 Datasheet
169Kb / 13P
Programmable RS-232/RS-485 Transceiver
logo
Exar Corporation
SP331 EXAR-SP331 Datasheet
912Kb / 13P
Programmable Dual RS-232/RS-485 Transceiver
logo
Littelfuse
SP3312T LITTELFUSE-SP3312T Datasheet
780Kb / 4P
SP3312T Series 3.3V 15A Diode Array
logo
Sipex Corporation
SP331CT SIPEX-SP331CT Datasheet
169Kb / 13P
Programmable RS-232/RS-485 Transceiver
SP331ET SIPEX-SP331ET Datasheet
169Kb / 13P
Programmable RS-232/RS-485 Transceiver
More results

Similar Description - SP331

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP331 SIPEX-SP331 Datasheet
169Kb / 13P
Programmable RS-232/RS-485 Transceiver
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
Programmable RS-232/RS-485 Transceiver
logo
Exar Corporation
SP336E EXAR-SP336E Datasheet
1Mb / 30P
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP331 EXAR-SP331 Datasheet
912Kb / 13P
Programmable Dual RS-232/RS-485 Transceiver
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP334CT-L-TR EXAR-SP334CT-L-TR Datasheet
725Kb / 14P
Programmable RS-232/RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com