Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2192 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2192
Description  3V 900MHz LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2192 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2192 Datasheet HTML 1Page - RF Micro Devices RF2192 Datasheet HTML 2Page - RF Micro Devices RF2192 Datasheet HTML 3Page - RF Micro Devices RF2192 Datasheet HTML 4Page - RF Micro Devices RF2192 Datasheet HTML 5Page - RF Micro Devices RF2192 Datasheet HTML 6Page - RF Micro Devices RF2192 Datasheet HTML 7Page - RF Micro Devices RF2192 Datasheet HTML 8Page - RF Micro Devices RF2192 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2-330
RF2192
Rev A8 060918
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Power State-
CDMA450 (VMODE Low)
Case T=25oC, VCC=3.4V, VREG=2.85V,
VMODE=0V to 0.5V, Freq=452MHz to
458MHz (unless otherwise specified)
Frequency Range
452
458
MHz
Linear Gain
31
dB
Second Harmonic
30
dBc
Third Harmonic
-60
dBc
Maximum Linear Output Power
(CDMA Modulation)
29
dBm
Total Linear Efficiency
35
%
POUT=29dBm
Adjacent Channel Power Rejec-
tion
-49
dBc
ACPR @ 885kHz
-56
dBc
ACPR @ 1980kHz
Input VSWR
2:1
Output VSWR
10:1
No damage.
6:1
No oscillations. > -70dBc
Low Power State-
CDMA450 (VMODE High)
Case T=25oC, VCC=3.4V, VREG=2.85V,
VMODE=2.85V, Freq=452MHz to 458MHz
(unless otherwise specified)
Frequency Range
452
458
MHz
Linear Gain
23
dB
Maximum Linear Output Power
(CDMA Modulation)
16
dBm
Max ICC
160
mA
POUT=+16dBm (all currents included)
Adjacent Channel Power Rejec-
tion
-52
dBc
ACPR @ 885kHz
-70
dBc
ACPR @ 1980kHz
Input VSWR
2:1
Output VSWR
10:1
No damage.
6:1
No oscillations. > -70dBc
DC Supply
Supply Voltage
3.0
3.4
4.2
V
The maximum power out for VCC=3.0V is
28dBm.
Quiescent Current
160
mA
VMODE=Low
45
70
mA
VMODE=High
VREG Current
10
mA
VMODE Current
1
mA
Turn On/Off Time
<40
μs
Time between VREG turned on and PA
reaching full power. Turn on/off time can be
reduced by lowering the bypass capacitor
value on the VREG line.
Total Current (Power Down)
10
μAV
REG =Low
VREG “Low” Voltage
0
0.5
V
VREG “High” Voltage
2.75
2.85
2.95
V
VMODE “Low” Voltage
0
0.5
V
VMODE “High” Voltage
1.8
2.85
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com