Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2192 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2192
Description  3V 900MHz LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2192 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2192 Datasheet HTML 2Page - RF Micro Devices RF2192 Datasheet HTML 3Page - RF Micro Devices RF2192 Datasheet HTML 4Page - RF Micro Devices RF2192 Datasheet HTML 5Page - RF Micro Devices RF2192 Datasheet HTML 6Page - RF Micro Devices RF2192 Datasheet HTML 7Page - RF Micro Devices RF2192 Datasheet HTML 8Page - RF Micro Devices RF2192 Datasheet HTML 9Page - RF Micro Devices RF2192 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2-333
RF2192
Rev A8 060918
Application Schematic
CDMA-450MHz Band
4.7
μF
470 pF
100 pF
100 pF
100 pF
0
Ω
100 pF
C1**
C100**
C3
100 pF
L1*
100 pF
10 nF
4.7 uF
7.5 pF
0
Ω
TL
1
TL
2
4.7
μF
* L1 is a High Q inductor (i.e., Coilcraft 0805HQ-series).
**C1, C100, C14, and C140 are High Q capacitors
(i.e., Johanson C-series).
16
1
13
14
15
2
3
4
9
8
7
6
5
12
11
10
39 nH
0
Ω
12 nH
P1-1
6.8 nH
P2-1
P2-2
TL
5
27 pF
TL
4
Transmission
Line Length
TL
1
15 mils
TL
2
125 mils
TL
6
220 mils
TL
4
L=40 mils
100 pF
RF IN
510
Ω
6.8 nH
1.2 nH
TL
6
C140**
C14**
RF OUT
CDMA (450 MHz)
15
13
15
20
Board
C100 (pF) C140 (pF)
C1 (pF)
L1 (nH)
13
C14 (pF)
TL
5
L=75 mils



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com