Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2192 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2192
Description  3V 900MHz LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2192 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2192 Datasheet HTML 1Page - RF Micro Devices RF2192 Datasheet HTML 2Page - RF Micro Devices RF2192 Datasheet HTML 3Page - RF Micro Devices RF2192 Datasheet HTML 4Page - RF Micro Devices RF2192 Datasheet HTML 5Page - RF Micro Devices RF2192 Datasheet HTML 6Page - RF Micro Devices RF2192 Datasheet HTML 7Page - RF Micro Devices RF2192 Datasheet HTML 8Page - RF Micro Devices RF2192 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2-327
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
16
1
13
14
15
GND
GND
RF IN
2
3
4
9
8
7
6
5
RF OUT
RF OUT
RF OUT
12
11
10
RF2192
3V 900MHz LINEAR POWER AMPLIFIER
• 3V CDMA/AMPS Cellular Handsets
• 3V JCDMA Cellular Handsets
• 3V CDMA2000 Cellular Handsets
• 3V TDMA/GAIT Cellular Handsets
• 3V CDMA 450MHz Band Handsets
• Portable Battery-Powered Equipment
The RF2192 is a high-power, high-efficiency linear ampli-
fier IC targeting 3V handheld systems. The device is
manufactured on an advanced Gallium Arsenide Hetero-
junction Bipolar Transistor (HBT) process, and has been
designed for use as the final RF amplifier in dual-mode
3V CDMA/AMPS and CDMA2000 handheld digital cellu-
lar equipment, spread-spectrum systems, and other
applications in the 800MHz to 960MHz band. The
RF2192 has a low power mode to extend battery life
under low output power conditions. The device is pack-
aged in a 16-pin, 4mmx4mm QFN.
• Single 3V Supply
• 29dBm Linear Output Power
• 37% Linear Efficiency
• Low Power Mode
• 45 mA idle current
• 47% Peak Efficiency 31dBm Output
RF2192
3V 900MHz Linear Power Amplifier
RF2192PCBA-41X Fully Assembled Evaluation Board
0
Rev A8 060918
12°
MAX
0.05
0.00
0.75
0.65
1.00
0.90
C
0.05
Dimensions in mm.
Shaded pin is lead 1.
A
4.00
2.00
1.50
SQ.
4.00
2
2.00
1.60
2 PLCS
0.10 C A
2 PLCS
0.10
C AB
M
3.20
2 PLCS
0.75
0.50
0.10 C B
2 PLCS
-B-
0.80
TYP
0.45
0.28
0.10 C A
2 PLCS
3.75
3.75
0.10 C B
2 PLCS
INDEX AREA
Package Style: QFN, 16-Pin, 4x4
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2192

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2192 RFMD-RF2192 Datasheet
131Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER
RF2192 RFMD-RF2192 Datasheet
282Kb / 12P
3V 900MHz LINEAR POWER AMPLIFIER
RF2192PCBA RFMD-RF2192PCBA Datasheet
131Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER
RF2192PCBA-41X RFMD-RF2192PCBA-41X Datasheet
282Kb / 12P
3V 900MHz LINEAR POWER AMPLIFIER
RF2192 RFMD-RF2192_1 Datasheet
282Kb / 12P
3V 900MHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF2192

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
3V 900MHZ LINEAR AMPLIFIER
RF2192 RFMD-RF2192 Datasheet
131Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF3163 RFMD-RF3163 Datasheet
89Kb / 10P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_06 Datasheet
60Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6263 RFMD-RF6263 Datasheet
161Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3163 RFMD-RF3163_1 Datasheet
216Kb / 10P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF2192 RFMD-RF2192_1 Datasheet
282Kb / 12P
3V 900MHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com