Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2192 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2192
Description  3V 900MHz LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2192 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2192 Datasheet HTML 2Page - RF Micro Devices RF2192 Datasheet HTML 3Page - RF Micro Devices RF2192 Datasheet HTML 4Page - RF Micro Devices RF2192 Datasheet HTML 5Page - RF Micro Devices RF2192 Datasheet HTML 6Page - RF Micro Devices RF2192 Datasheet HTML 7Page - RF Micro Devices RF2192 Datasheet HTML 8Page - RF Micro Devices RF2192 Datasheet HTML 9Page - RF Micro Devices RF2192 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2-332
RF2192
Rev A8 060918
Evaluation Board Schematic
US-CDMA
(Download Bill of Materials from www.rfmd.com.)
C25
4.7
μF
C30
C6
100 pF
C5
100 pF
C27
100 pF
R1
0
Ω
C13
100 pF
C1**
C14**
C3
100 pF
L1*
C4
100 pF
C28
10 nF
C2
4.7 uF
C17
2.4 pF
R3
0
Ω
TL
1
TL
2
C26
4.7
μF
* L1 is a High Q inductor (i.e., Coilcraft 0805HQ-series).
**C1 and C14 are High Q capacitors
(i.e., Johanson C-series).
16
1
13
14
15
2
3
4
9
8
7
6
5
12
11
10
L4
39 nH
R4
0
Ω
L2
5.6 nH
J1
RF IN
VCC
L5
1 nH
J4
RF OUT
VREG
VMODE
TL
5
C24
12 pF
TL
3
Transmission
Line Length
CDMA (US)
TL
1
15 mils
TL
2
350 mils
TL
3
105 mils
TL
5
85 mils
CDMA (US)
100
9.1
20
9.1
Board
C30 (pF)
C1 (pF)
L1 (nH)
C14 (pF)
R2
510
Ω
C9
100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com