Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP509CF Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP509CF
Description  Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP509CF Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP509CF Datasheet HTML 11Page - Sipex Corporation SP509CF Datasheet HTML 12Page - Sipex Corporation SP509CF Datasheet HTML 13Page - Sipex Corporation SP509CF Datasheet HTML 14Page - Sipex Corporation SP509CF Datasheet HTML 15Page - Sipex Corporation SP509CF Datasheet HTML 16Page - Sipex Corporation SP509CF Datasheet HTML 17Page - Sipex Corporation SP509CF Datasheet HTML 18Page - Sipex Corporation SP509CF Datasheet HTML 19Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
15
Date: 1/19/05
SP509 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2005 Sipex Corporation
Figure 32. Driver Output Leakage Current Test
Figure 33. Driver/Receiver Timing Test Circuit
Figure 30. V.35 Receiver Input Source Impedance
Figure 29. V.35 Driver Output Rise/Fall Time
Figure 31. V.35 Receiver Input Short-Circuit Impedance
Figure 28. V.35 Driver Output Short-Circuit Impedance
A
B
C
I
SC
±2V
A
B
C
50Ω
Oscilloscope
50Ω
50Ω
A
B
V
2
50Ω
C
24kHz, 550mVp-p
Sine Wave
V
1
A
B
C
I
sc
±2V
A
B
I
ZSC
Logic “1”
±12V
11
1
D
2
D
1
D
0
V
CC = 0V
V
CC
Any one of the three conditions for disabling the driver.
CL1
15pF
ROUT
B
A
B
A
TIN
CL2
f
IN
(50% Duty Cycle, 2.5V
P-P
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com