Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP509CF Datasheet(PDF) 26 Page - Sipex Corporation

Part # SP509CF
Description  Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP509CF Datasheet(HTML) 26 Page - Sipex Corporation

Back Button SP509CF Datasheet HTML 21Page - Sipex Corporation SP509CF Datasheet HTML 22Page - Sipex Corporation SP509CF Datasheet HTML 23Page - Sipex Corporation SP509CF Datasheet HTML 24Page - Sipex Corporation SP509CF Datasheet HTML 25Page - Sipex Corporation SP509CF Datasheet HTML 26Page - Sipex Corporation SP509CF Datasheet HTML 27Page - Sipex Corporation SP509CF Datasheet HTML 28Page - Sipex Corporation SP509CF Datasheet HTML 29Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
26
Date: 1/19/05
SP509 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2005 Sipex Corporation
PACKAGE: 100 Pin LQFP
100 PIN LQFP
PIN 1
E1
D1
D
CL
b
e
Seating
Plane
A1
CL
E
A
L
11°-13°
0°MIN
0°–7°
0.2 RAD MAX.
0.08 RAD MIN.
DIMENSIONS
Minimum/Maximum
(mm)
SYMBOL
A
A1
A2
b
D
D1
e
E
E1
N
100–PIN LQFP
JEDEC MS-026
(BED) Variation
MIN
NOM
MAX
1.60
0.05
0.15
1.35
1.40
1.45
0.17
0.22
0.27
16.00 BSC
14.00 BSC
0.50 BSC
16.00 BSC
14.00 BSC
100
A
c
L1
A2
11°-13°
COMMON DIMENSIONS
SYMBL MIN
NOM
MAX
c
0.09
0.20
L
0.45
0.60
0.75
L1
1.00 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com