Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP509CF Datasheet(PDF) 19 Page - Sipex Corporation

Part # SP509CF
Description  Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP509CF Datasheet(HTML) 19 Page - Sipex Corporation

Back Button SP509CF Datasheet HTML 15Page - Sipex Corporation SP509CF Datasheet HTML 16Page - Sipex Corporation SP509CF Datasheet HTML 17Page - Sipex Corporation SP509CF Datasheet HTML 18Page - Sipex Corporation SP509CF Datasheet HTML 19Page - Sipex Corporation SP509CF Datasheet HTML 20Page - Sipex Corporation SP509CF Datasheet HTML 21Page - Sipex Corporation SP509CF Datasheet HTML 22Page - Sipex Corporation SP509CF Datasheet HTML 23Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
19
Date: 1/19/05
SP509 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2005 Sipex Corporation
Figure 47. Functio nal Diagram
TxD
SD(a)
V35TGND1
SD(b)
SDEN
VCC
VDD
C1-
VSS
C1+
+5V (decoupling capacitor not shown)
1µF
Regulated Charge Pump
SP509
TxCE
TT(a)
V35TGND2
TT(b)
TTEN
ST
ST(a)
V35TGND3
ST(b)
STEN
RD(a)
RxD
RDEN
RD(b)
RT(a)
RxC
RTEN
RT(b)
TxC(a)
TxC
TxCEN
TxC(b)
CS(a)
CTS
CSEN
CS(b)
DM(a)
DSR
DMEN
DM(b)
RRT(a)
DCD_DTE
RRTEN
RRT(b)
TM
TM
TMEN
RTS
RS(a)
RS(b)
RSEN
DTR
TR(a)
TR(b)
TREN
DCD_DCE
RRC(a)
RRC(b)
RRCEN
LL
LL(a)
LLEN
C2-
C2+
1µF
1µF
1µF
GND
D0
D1
D2
TERM-OFF
D-LATCH
V.10-GND
V.35 MODE
TX ENABLE
51ohms
51ohms
124ohms
V.35 DRIVER TERMINATION NETWORK
V.35 MODE
RX ENABLE
51ohms
51ohms
124ohms
RECEIVER TERMINATION NETWORK
V.11 MODE
RL
RL(a)
RLEN
IC
RI
ICEN
V35RGND
LOOPBACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com